Electronic Components Datasheet Search
  English  ▼

X  

ACE7377N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7377N
Description  High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7377N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7377N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7377N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7377N Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7377N
High Efficiency, 3A, 23V, 500kHz Synchronous Step Down Regulator
VER 1.3
1
Description
The ACE7377N is a high efficiency 500 kHz synchronous step-down DC-DC converter capable of
delivering 3A current. The ACE7377N operates over a wide input voltage range from 4.5V to 23V and
integrates main switch and synchronous switch with very low RDS(ON) to minimize the conduction loss.
Low output voltage ripple and small external inductor and capacitor sizes are achieved with 500 kHz
switching frequency. It adopts the instant PWM architecture to achieve fast transient responses for high
step down applications
Features
⚫
low RDS(ON) for internal switches (top/bottom): 105mΩ/50mΩ
⚫
4.5-23V input voltage range
⚫
3A output current capability
⚫
500 kHz switching frequency
⚫
Instant PWM architecture to achieve fast transient responses.
⚫
Cycle-by-cycle
peak current limitation
⚫
Internal softstart limits
the inrush current
⚫
Hic-cup mode output short circuit protection
⚫
±1.5% 0.6V reference
Application
⚫
Set Top Box
⚫
Portable TV
⚫
Access Point Router
⚫
DSL Modem
⚫
LCD TV


Similar Part No. - ACE7377N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE73100N ACE-ACE73100N Datasheet
288Kb / 4P
High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
VER 1.1
ACE73100NIM+H ACE-ACE73100NIM+H Datasheet
288Kb / 4P
High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
VER 1.1
ACE7310M ACE-ACE7310M Datasheet
614Kb / 6P
N-Channel 30-V (D-S) MOSFET
VER 1.1
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7316LAGMH ACE-ACE7316LAGMH Datasheet
560Kb / 6P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE7377N

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MPQ2315 MPS-MPQ2315 Datasheet
780Kb / 21P
High Efficiency 3A, 24V, 500kHz Synchronous Step Down Converter
MP2315S MPS-MP2315S Datasheet
649Kb / 16P
3A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
12/21/2015 Rev. 1.0
logo
Shenzhen Huazhimei Semi...
HM1484D HMSEMI-HM1484D Datasheet
1Mb / 7P
30V 3A 500KHz Synchronous Step-Down Regulator
HM1484E HMSEMI-HM1484E Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
logo
ACE Technology Co., LTD...
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com