Electronic Components Datasheet Search
  English  ▼

X  

ACE7430LA Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7430LA
Description  30V, 1.5MHz, 700mA Step-Down Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7430LA Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7430LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7430LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7430LA Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE7430LA
30V, 1.5MHz, 700mA Step-Down Converter
VER 1.1
1
Description
The ACE7430LA is a wide input range, high- efficiency, and high frequency DC-to-DC step- down
switching regulator, capable of delivering up to 0.7A of output current.
With a fixed switching frequency of 1.5MHz, this current mode PWM controlled converter allows the use
of small external components, such as ceramic input and output caps, as well as small inductors.
Including cold crank and double battery jump- starts, the minimum input voltage may be as low as 4.5V
and the maximum up to 30V, with even higher transient voltages. With these high input voltages, linear
regulators cannot be used for high supply currents without overheating the regulator. Instead, high
efficiency switching regulators such as ACE7430LA must be used to minimize thermal dissipation.
ACE7430LA is available SOT-23-6 Packages.
Features
⚫
Wide Input Operating Range from 4.5V to 30V
⚫
435m
Ω internal NMOS
⚫
Up to 94% Efficiency at 18V in 12V out L=47uH with 350mA loading
⚫
Internal compensation
⚫
Capable of Delivering 600mA continuous output current
⚫
Fixed 1.5MHz PWM operation
⚫
Internal soft start
⚫
Output voltage adjustable down to 0.795V
⚫
Cycle-by-cycle current limit
⚫
Current Mode control
⚫
Short-circuit protection
⚫
Logic Control Shutdown EN can be short to VIN
⚫
Thermal shutdown and UVLO
⚫
Available in SOT-23-6 Package
Application
⚫
Smart/Industrial/Power Meters
⚫
Industrial Applications
⚫
Automotive Applications


Similar Part No. - ACE7430LA

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7433M ACE-ACE7433M Datasheet
393Kb / 7P
P-Channel 30-V MOSFET
VER 1.1
ACE7436M ACE-ACE7436M Datasheet
392Kb / 7P
N-Channel 30-V MOSFET, Low thermal impedance
VER 1.1
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
N-Channel 30-V MOSFET
VER 1.1
More results

Similar Description - ACE7430LA

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1121 ANALOGICTECH-AAT1121 Datasheet
777Kb / 20P
1.5MHz, 250mA Step-Down Converter
AAT1121 ANALOGICTECH-AAT1121_07 Datasheet
544Kb / 20P
1.5MHz, 250mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1121 SKYWORKS-AAT1121 Datasheet
1Mb / 19P
1.5MHz, 250mA Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Lowpower Semiconductor ...
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
1.5MHz, 1.5A Step-Down Converter
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
1.5MHz, 1.5A Step-Down Converter
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
1.5MHz, 2A Step-Down Converter
LP3220 POWER-LP3220 Datasheet
920Kb / 12P
1.5MHz, 1.0A Step-Down Converter
LP3220S POWER-LP3220S Datasheet
862Kb / 10P
1.5MHz, 1.0A Step-Down Converter
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com