Electronic Components Datasheet Search
  English  ▼

X  

ICS544-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS544-01
Description  Clock Divider
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS544-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS544-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS544-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS544-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS544-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS544-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS544-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS544-01 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS544-01
MDS 544M-01 A
1
Revision 041505
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Clock Divider
P R EL IMIN AR Y IN FOR M A T ION
Description
The ICS544-01 is crystal oscillator module IC with
divide by 512 frequency output. It employs a 16.777216
MHz fundamental frequency crystal source oscillator to
generate 32.768 kHz output crystal oscillator output. In
addition a divide by 256, 64 and 32 options also
provided through select pins. The chip has an OE pin
that tri-states the output and stops the oscillator
circuits.
The ICS544-01 is a member of ICS’ ClockBlocksTM
family of clock building blocks. See the ICS541 and
ICS542 for other clock dividers, and the ICS501, 502,
511, 512, and 525 for clock multipliers.
Features
• Packaged in 8-pin SOIC or die
• Available in Pb-free package
• ICS’ lowest cost clock divider
• Easy to use with other generators and buffers
• Input clock frequency up to 156 MHz
• Output clock duty cycle of 45/55
• Output Enable
• Advanced, low-power CMOS process
• Operating voltage of 2.25 V to 3.6 V
• Does not degrade phase noise - no PLL
• Available in industrial temperature range
Block Diagram
Divider and
Selection
Circuitry
/32, /64
/256, /512,
CLK1
OE
GND
VDD
X1/ICLK
X2
16.777216
MHz clock
or crystal
input
Optional tuning
capacitors
S1, S0 (1:0)


Similar Part No. - ICS544-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
CLOCK DIVIDER
051810
More results

Similar Description - ICS544-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
Clock Divider
Revision 050400
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
Dual Clock Divider Buffer
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
CLOCK DIVIDER
logo
Linear Technology
DC1075 LINER-DC1075_15 Datasheet
203Kb / 1P
CLOCK DIVIDER
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
Dual Clock Divider Buffer
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
1.8V LVPECL Clock Divider
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
CLOCK DIVIDER
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
1.8V LVPECL Clock Divider
0 Mar 2020
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
CLOCK DIVIDER
051810
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com