Electronic Components Datasheet Search
  English  ▼

X  

ICS552ARI-01 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS552ARI-01
Description  Oscillator, Multiplier, and Buffer with 8 Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS552ARI-01 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS552ARI-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS552ARI-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS552ARI-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS552ARI-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS552ARI-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS552ARI-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS552ARI-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS552ARI-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS552ARI-01 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Oscillator, Multiplier, and Buffer with 8 Outputs
MDS 552A-01 B
9
Revision 010906
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS552A-01
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V or 5 V, Ambient Temperature -40 to +85
° C
Thermal Characteristics
Operating Supply Current
IDD
at 3.3 V, no load, 25
MHz in, x4
35
mA
Operating Supply Current
IDD
at 5 V, no load, 25 MHz
in, x4
59
mA
Power-down Supply
Current
IDD
S3:S0 = 0 (GND)
55
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Fundamental crystal
10
27
MHz
Input clock
10
27
MHz
Output Rise Time
tOR
0.8 to 2.0 V
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V
1.5
ns
Duty Cycle
at VDD/2
40
50
60
%
Output-to-Output Skew
All modes, Rising
edges at VDD/2
250
ps
Absolute Jitter
Mode A, Deviation from
Mean
±75
ps
One Sigma Clock Period Jitter
Mode A
25
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
135
°C/W
θ
JA
1 m/s air flow
93
°C/W
θ
JA
3 m/s air flow
78
°C/W
Thermal Resistance Junction to Case
θ
JC
60
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com