Electronic Components Datasheet Search
  English  ▼

X  

ICS557-01 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS557-01
Description  PCI-EXPRESS CLOCK SOURCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-01 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS557-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS557-01 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PCI-EXPRESS CLOCK SOURCE
MDS 557-01 F
6
Revision 011606
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS557-01
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS557-01. These ratings are
stress ratings only. Functional operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed
only over the recommended operating temperature range.
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
°C
1 Single edge is monotonic when transitioning through region.
2 Inputs with pull-ups/-downs are not included.
Item
Rating
Supply Voltage, VDD, VDDA
5.5 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature (commercial)
0 to +70
°C
Ambient Operating Temperature (industrial)
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
ESD Protection (Input)
2000 V min. (HBM)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
3.135
3.465
Input High Voltage1
VIH
2.0
VDD +0.3
V
Input Low Voltage1
VIL
VSS-0.3
0.8
V
Input Leakage Current2
IIL
0 < Vin < VDD
-5
5
µA
Operating Supply Current
IDD
With 50
Ω and 2 pF load
55
mA
IDDOE
OE =Low
35
mA
Input Capacitance
CIN
Input pin capacitance
7
pF
Output Capacitance
COUT
Output pin capacitance
6
pF
Pin Inductance
LPIN
5nH
Output Resistance
Rout
CLK outputs
3.0
k
Ω
Pull-up Resistor
RPUP
OE
60
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com