Electronic Components Datasheet Search
  English  ▼

X  

ICS557-08 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS557-08
Description  2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-08 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS557-08 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 9Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 10Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MDS 557-08 C
8
Revision 021606
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS557-08
2:1 Multiplexer Chip for PCI-Express
AC Electrical Characteristics -
Unless stated otherwise, VDD=3.3 V ±5%, Ambient Temperature -40 to +85
°C
1 Test setup is R
L=50 ohms with 2 pF, Rr = 475Ω (1%).
2 Measurement taken from a single-ended waveform.
3 Measurement taken from a differential waveform.
4 Measured at the crossing point where instantaneous voltages of both CLK and CLK are equal.
5 CLK and CLK pins are tri-stated when OE is Low asserted. CLK and CLK are driven differential when OE is High
unless its PD = low.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Frequency
HCSL termination
200
MHz
LVDS termination
100
MHz
Input High Voltage1,2
VIH
HCSL
660
700
850
mV
Input Low Voltage1,2
VIL
HCSL
-150
0
mV
Differential Input
Voltages
(VID)
LVDS
250
350
450
mV
Input Offset Voltage
(VIS)
LVDS
1.125
1.25
1.375
V
Output High Voltage1,2
VOH
HCSL
660
700
850
mV
Output Low Voltage1,2
VOL
HCSL
-150
0
mV
Crossing Point
Voltage1,2
Absolute
250
350
550
mV
Crossing Point
Voltage1,2,4
Variation over all edges
140
mV
Jitter, Cycle-to-Cycle1,3
60
ps
Rise Time1,2
tOR
From 0.175 V to 0.525 V
175
332
700
ps
Fall Time1,2
tOF
From 0.525 V to 0.175 V
175
344
700
ps
Rise/Fall Time
Variation1,2
125
ps
Duty Cycle1,3
45
55
%
Output Enable Time5
All outputs
10
µs
Output Disable Time5
All outputs
10
µs
Stabilization Time
tSTABLE From power-up VDD=3.3 V
3.0
ms
Input to Output Delay
Input differential clock to output
differential clock delay measured at
crossing point of input levels to
crossing point of output levels
4ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com