Electronic Components Datasheet Search
  English  ▼

X  

ICS8430-71B Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS8430-71B
Description  700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8430-71B Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS8430-71B Datasheet HTML 3Page - Integrated Circuit Systems ICS8430-71B Datasheet HTML 4Page - Integrated Circuit Systems ICS8430-71B Datasheet HTML 5Page - Integrated Circuit Systems ICS8430-71B Datasheet HTML 6Page - Integrated Circuit Systems ICS8430-71B Datasheet HTML 7Page - Integrated Circuit Systems ICS8430-71B Datasheet HTML 8Page - Integrated Circuit Systems ICS8430-71B Datasheet HTML 9Page - Integrated Circuit Systems ICS8430-71B Datasheet HTML 10Page - Integrated Circuit Systems ICS8430-71B Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
8430BY-71
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 20, 2005
7
Integrated
Circuit
Systems, Inc.
ICS8430B-71
700MHZ, LOW JITTER, CRYSTAL INTERFACE/
LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
PERIOD JITTER
OUTPUT SKEW
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
➤
➤
CYCLE-TO-CYCLE JITTER
t jit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
OUTPUT RISE/FALL TIME
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
tsk(o)
nFOUTx
FOUTx
nFOUTy
FOUTy
nFOUTx
FOUTx
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
FOUTx
nFOUTx
2V
-1.3V ± 0.165V
V
CC,
V
CCA, VCCO
V
EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com