Electronic Components Datasheet Search
  English  ▼

X  

ICS601-25 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS601-25
Description  LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601-25 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS601-25 Datasheet HTML 1Page - Integrated Circuit Systems ICS601-25 Datasheet HTML 2Page - Integrated Circuit Systems ICS601-25 Datasheet HTML 3Page - Integrated Circuit Systems ICS601-25 Datasheet HTML 4Page - Integrated Circuit Systems ICS601-25 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LOW PHASE NOISE 1 TO 5 CLOCK MULTIPLIER
MDS 601-25 C
4
Revision 071505
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS601-25
DC Electrical Characteristics (continued)
AC Electrical Characteristics
VDD = 3.3V ±10%, Ambient Temperature -40 to +85° C
Note 1: Measured with 15 pF load
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input High Voltage
VIH
2VDD
V
Input Low Voltage
VIL
0.8
V
Output High Voltage, CMOS
level
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOL = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Operating Supply Current
IDD
No load, 125 MHz
45
60
mA
Short Circuit Current
IOS
Each output
± 40
± 60
mA
Input Capacitance
Select pins
5
pF
Output Impedance
ZOUT
20
Ω
On Chip Pull-up Resistor
RPU
S2, S1, S0, PD
pins
510
k
Ω
On Chip Pull-down Resistor
RPD
S3 pin
240
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
10
27
MHz
Output Frequency
At 3.3V
156
MHz
Output Rise Time
tOR
0.8 to 2.0 V, Note 1
1.5
ns
Output Fall Time
tOF
0.8 to 2.0 V, Note 1
1.5
ns
Output Clock Duty Cycle
At VDD/2, Note 1
45
50
55
%
Maximum Absolute jitter, short
term, 125 MHz
Note 1
±50
±75
ps
Maximum jitter, one sigma, 125
MHz (x5)
Note 1
18
25
ps
Phase Noise, relative to carrier,
125 MHz (x5)
100 Hz offset
-90
-95
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
1 kHz
-115
-120
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
10 kHz offset
-118
-123
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
100 kHz offset
-115
-120
dBc/Hz
Output to Output Skew
25M in, 125M out,
Note 1
250
ps



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com