Electronic Components Datasheet Search
  English  ▼

X  

ZB4BA2 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB4BA2
Description  Harmony, 22mm Push Button, flush push button head, spring return, black, unmarked
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB4BA2 Datasheet(HTML) 1 Page - Schneider Electric

  ZB4BA2 Datasheet HTML 1Page - Schneider Electric ZB4BA2 Datasheet HTML 2Page - Schneider Electric ZB4BA2 Datasheet HTML 3Page - Schneider Electric ZB4BA2 Datasheet HTML 4Page - Schneider Electric ZB4BA2 Datasheet HTML 5Page - Schneider Electric ZB4BA2 Datasheet HTML 6Page - Schneider Electric ZB4BA2 Datasheet HTML 7Page - Schneider Electric ZB4BA2 Datasheet HTML 8Page - Schneider Electric ZB4BA2 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product data sheet
Characteristics
ZB4BA2
Harmony, 22mm Push Button, flush push button
head, spring return, black, unmarked
Product availability : Stock - Normally stocked in distribution facility
Price* : 13.00 USD
Main
Range of product
Harmony XB4
Product or Component Type
Head for non-illuminated push-button
Device short name
ZB4
Bezel material
Chromium plated metal
Mounting diameter
0.87 in (22 mm)
Sale per indivisible quantity
1
Head type
Standard
Shape of signaling unit head
Round
Type of operator
spring return
Operator profile
Black flush, unmarked
Complementary
CAD overall width
1.14 in (29 mm)
CAD overall height
1.14 in (29 mm)
CAD overall depth
1.10 in (28 mm)
Mechanical durability
10000000 cycles
Electrical composition code
C1 9 single front mounting
C2 9 single and double front mounting
C11 3 single front mounting
C15 1 single front mounting
Device presentation
Basic element
Environment
Protective treatment
TH
Ambient Air Temperature for Storage
-40…158 °F (-40…70 °C)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Oct 4, 2021
1


Similar Part No. - ZB4BA2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA222 SCHNEIDER-ZB4BA222 Datasheet
135Kb / 2P
Head for non illuminated push button, Harmony XB4, flush pushbutton 횠22 mm with RESET marking
Oct 4, 2021
ZB4BA232 SCHNEIDER-ZB4BA232 Datasheet
396Kb / 13P
Harmony XB4, Push button head, metal, flush, black, 횠22, spring return, marked O
Oct 4, 2021
ZB4BA234 SCHNEIDER-ZB4BA234 Datasheet
348Kb / 13P
Head for non illuminated push button, Harmony XB4, black flush pushbutton 횠22 mm spring return "STOP"||" "1337766
Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60
ZB4BA2347 SCHNEIDER-ZB4BA2347 Datasheet
375Kb / 12P
Head for non illuminated push button, Harmony XB4, black flush pushbutton 횠22 mm spring return "STOP"||" "1337904
Versatile GUI Interface for Features Evaluation
ZB4BA24 SCHNEIDER-ZB4BA24 Datasheet
357Kb / 13P
Head for non illuminated push button, Harmony XB4, black flush pushbutton 횠22 mm spring return unmarked
Oct 4, 2021
More results

Similar Description - ZB4BA2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA3 SCHNEIDER-ZB4BA3 Datasheet
382Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, green, unmarked
Oct 4, 2021
ZB4BA4 SCHNEIDER-ZB4BA4 Datasheet
378Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, red, unmarked
Oct 4, 2021
ZB4BA9 SCHNEIDER-ZB4BA9 Datasheet
337Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, black, green, red, white, yellow, blue, unmarked
Oct 4, 2021
ZB4BL4 SCHNEIDER-ZB4BL4 Datasheet
381Kb / 13P
Harmony, 22mm Push Button, no guard push button head, spring return, red, unmarked
Oct 4, 2021
ZB4BPA2 SCHNEIDER-ZB4BPA2 Datasheet
356Kb / 8P
Harmony XB4, Push button head, metal, flush, black, 횠22, spring return, booted, unmarked
Oct 4, 2021
ZB4BW333 SCHNEIDER-ZB4BW333 Datasheet
382Kb / 13P
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, green, for integral LED
Oct 4, 2021
ZB4FA2 SCHNEIDER-ZB4FA2 Datasheet
158Kb / 10P
Harmony XB4, Flush mounted push button head, metal, black, 횠30, spring return, unmarked
Oct 4, 2021
ZB4BW343 SCHNEIDER-ZB4BW343 Datasheet
167Kb / 8P
Harmony, 22mm Push Button, illuminated push button head, flush, spring return, red, for integral LED
Aug 17, 2019
ZB5AA1 SCHNEIDER-ZB5AA1 Datasheet
429Kb / 12P
Harmony XB5, Push button head, plastic, flush, white, 횠22, spring return, unmarked
Mar 7, 2022
ZB5AA2 SCHNEIDER-ZB5AA2 Datasheet
410Kb / 12P
Harmony, 22mm Push Button, flush push button head, spring return, black, unmarked
Mar 7, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com