Electronic Components Datasheet Search
  English  ▼

X  

DA9142 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA9142
Description  High-Performance, 13 A/20 A Peak, DC-DC Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9142 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA9142 Datasheet HTML 35Page - Dialog Semiconductor DA9142 Datasheet HTML 36Page - Dialog Semiconductor DA9142 Datasheet HTML 37Page - Dialog Semiconductor DA9142 Datasheet HTML 38Page - Dialog Semiconductor DA9142 Datasheet HTML 39Page - Dialog Semiconductor DA9142 Datasheet HTML 40Page - Dialog Semiconductor DA9142 Datasheet HTML 41Page - Dialog Semiconductor DA9142 Datasheet HTML 42Page - Dialog Semiconductor DA9142 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
DA9142
High-Performance, 13 A/20 A Peak, DC-DC Converter
Datasheet
Revision 1.6
25-Aug-2021
CFR0011-120-00
39 of 46
© 2021 Dialog Semiconductor
Bit
Type
Field Name
Description
Reset
0x2
Force PWM operation (with phase
shedding)
0x3
Auto mode
[1:0]
RW
CH1_A_MODE
Operation mode selection.
Initial value is determined by CONF pin setting
during start-up and if the CONF pin is enabled
(OTP setting)
Value
Description
0x0
Force PFM operation
0x1
Force PWM operation (full phase)
0x2
Force PWM operation (with phase
shedding)
0x3
Auto mode
0x3
Table 46: BUCK_BUCK1_5 (0x0025)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
CH1_A_VOUT
Output voltage setting A: Initial value is determined
by CONF pin setting during start-up and if the
CONF pin is enabled (OTP setting)
From 0.30 V (0x1E) to 1.90 V (0xBE) in steps of
10 mV (default 1.0 V)
Write-protected when value is written below 0.30 V
or above 1.90 V
Value
Description
0x00
Reserved
0x1D
Reserved
0x1E
0.3
0x1F
0.31
...
+0.01 steps
0x63
0.99
0x64
1
0x65
1.01
...
+0.01 steps
0xBD
1.89
0xBE
1.9
0xBF
Reserved
0xFF
Reserved
0x64
Table 47: BUCK_BUCK1_6 (0x0026)
Bit
Type
Field Name
Description
Reset
[7:0]
RW
CH1_B_VOUT
Output voltage setting B: Initial value is determined
by CONF pin setting during start-up and if the
CONF pin is enabled (OTP setting)
From 0.30 V (0x1E) to 1.90 V (0xBE) in steps of
0x64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com