Electronic Components Datasheet Search
  English  ▼

X  

DA9217 Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # DA9217
Description  High-Performance Dual-Phase DC-DC Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9217 Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button DA9217 Datasheet HTML 29Page - Dialog Semiconductor DA9217 Datasheet HTML 30Page - Dialog Semiconductor DA9217 Datasheet HTML 31Page - Dialog Semiconductor DA9217 Datasheet HTML 32Page - Dialog Semiconductor DA9217 Datasheet HTML 33Page - Dialog Semiconductor DA9217 Datasheet HTML 34Page - Dialog Semiconductor DA9217 Datasheet HTML 35Page - Dialog Semiconductor DA9217 Datasheet HTML 36Page - Dialog Semiconductor DA9217 Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
DA9217
High-Performance Dual-Phase DC-DC Converter
Datasheet
Revision 2.0
18-Sep-2020
CFR0011-120-00
33 of 48
© 2020 Dialog Semiconductor
Table 31: SYS_CONFIG_2 (0x000D)
Bit
Symbol
Description
[6:5]
OC_LATCHOFF
Over-current latch-off setting. BUCK shut-down after OCP for
8 µs/1 ms/3 ms unless disable setting. IRQ is generated unless
IRQ is masked.
Value
Description
0x0
Latch off disable
0x1
Latch off after 8 µs of OCP signal
0x2
Latch off after 1 ms of OCP signal
0x3
Latch off after 3 ms of OCP signal
[4]
OC_DVC_MASK
Over-current event (IRQ and latch-off feature) mask during DVC
ramp-up and ramp-down
[3:2]
PG_DVC_MASK
Power-good mask during DVC
Value
Description
0x0
No mask
0x1
Mask as not power good during DVC
0x2
Mask as power good during DVC
0x3
Reserved
Table 32: SYS_CONFIG_3 (0x000E)
Bit
Symbol
Description
[6:4]
OSC_TUNE
Tune oscillator frequency, tuned frequency = Current +
OSC_TUNE * 160 kHz
Value
Description
0x3
3
0x2
2
0x1
1
0x0
0
0x7
-1
0x6
-2
0x5
-3
0x4
-4
[1]
I2C_TIMEOUT
Enable automatic reset of 2-wire interface (if SDA stays low for
>50 ms).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com