Electronic Components Datasheet Search
  English  ▼

X  

DA9231 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA9231
Description  Ultra-Low Quiescent Current Buck and LDO
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9231 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA9231 Datasheet HTML 45Page - Dialog Semiconductor DA9231 Datasheet HTML 46Page - Dialog Semiconductor DA9231 Datasheet HTML 47Page - Dialog Semiconductor DA9231 Datasheet HTML 48Page - Dialog Semiconductor DA9231 Datasheet HTML 49Page - Dialog Semiconductor DA9231 Datasheet HTML 50Page - Dialog Semiconductor DA9231 Datasheet HTML 51Page - Dialog Semiconductor DA9231 Datasheet HTML 52Page - Dialog Semiconductor DA9231 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
DA9231
Ultra-Low Quiescent Current Buck and LDO
Datasheet
Revision 2.4
3-Sep-2018
CFR0011-120-00 Rev 5
49 of 55
© 2018 Dialog Semiconductor
Field Name
Bits
Type
POR
Description
SC_DIS_BUCK
[7]
cfg OTP 0x0
1: Force disable BUCK during SHORT CIRCUIT condition oc_buck=1 & uv_buck=1
OC_DIS_BUCK
[6]
cfg OTP 0x0
1: Force disable BUCK during oc_buck=1 for over 64 cycles
OV_DIS_BUCK
[5]
cfg OTP 0x0
1: Force disable BUCK during ov_buck=1
TSD_FRC_DIS
[4]
cfg OTP 0x1
1: Force disable BUCK & LDO during Over Temp
UVLO_FRC_DIS
[3]
cfg OTP 0x1
1: Force disable BUCK & LDO during UVLO
RCVRY_NUM
[2:0]
data
OTP
0x7
BUCK recovery trial fault number. This is counted down by every fault forcing BUCK off. If RCVRY_NUM becomes 0,
Recovery trial is ended. If RCVRY_NUM is set 0x7, this is not counted down and recovery trail is not ended.
Table 25: Register PIN_MONTOR
Address
Register Name
POR Value
PIN MONITOR
0x000A
PIN_MONTOR
0x00
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
GPO_OUT_MON
Field Name
Bits
Type
POR
Description
GPO_OUT_MON
[0]
virtual
0x0
Indicate current GPO output
11.2.2
System Module
11.2.2.1
System Reset Registers
Table 26: Register SYS_RST_EVENT
Address
Register Name
POR Value
Reset Event flag
0x0001
SYS_RST_EVENT 0x01
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RESET_EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com