Electronic Components Datasheet Search
  English  ▼

X  

DA16600MOD Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # DA16600MOD
Description  Ultra-Low Power Wi-Fi Bluetooth짰 LE Combo Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16600MOD Datasheet(HTML) 3 Page - Dialog Semiconductor

  DA16600MOD Datasheet HTML 1Page - Dialog Semiconductor DA16600MOD Datasheet HTML 2Page - Dialog Semiconductor DA16600MOD Datasheet HTML 3Page - Dialog Semiconductor DA16600MOD Datasheet HTML 4Page - Dialog Semiconductor DA16600MOD Datasheet HTML 5Page - Dialog Semiconductor DA16600MOD Datasheet HTML 6Page - Dialog Semiconductor DA16600MOD Datasheet HTML 7Page - Dialog Semiconductor DA16600MOD Datasheet HTML 8Page - Dialog Semiconductor DA16600MOD Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DA16600MOD Series
Ultra-Low Power Wi-Fi + Bluetooth® LE Combo
Module
Datasheet
Revision 3.0
23-Feb-2021
CFR0011-120-00
3 of 26
© 2021 Dialog Semiconductor
Contents
1
References ..................................................................................................................................... 5
2
Block Diagram ............................................................................................................................... 6
3
Pinout ............................................................................................................................................. 7
3.1
Pinout Description (51-pins).................................................................................................. 7
3.2
Pin Multiplexing ................................................................................................................... 10
4
Electrical Specification ............................................................................................................... 11
4.1
Absolute Maximum Ratings ................................................................................................ 11
4.2
Recommended Operating Conditions ................................................................................. 11
4.3
Electrical Characteristics..................................................................................................... 11
4.3.1
DC Parameters, 1.8 V IO..................................................................................... 11
4.3.2
DC Parameters, 3.3 V IO..................................................................................... 12
4.3.3
DC Parameters for RTC Block ............................................................................ 12
4.4
Radio Characteristics .......................................................................................................... 13
4.4.1
Wi-Fi Characteristics............................................................................................ 13
4.4.2
Bluetooth® LE Characteristics.............................................................................. 14
4.5
Current Consumption .......................................................................................................... 14
4.5.1
Wi-Fi Characteristics............................................................................................ 14
4.5.2
Bluetooth® LE Characteristics.............................................................................. 15
4.6
Radiation Performance ....................................................................................................... 16
4.7
ESD Ratings........................................................................................................................ 16
5
Power-on Sequence .................................................................................................................... 17
6
Applications Schematic .............................................................................................................. 18
6.1
Typical Application .............................................................................................................. 18
7
Package Information ................................................................................................................... 19
7.1
Dimension: DA16600MOD-AAC ......................................................................................... 19
7.2
Dimension: DA16600MOD-AAE ......................................................................................... 19
7.3
PCB Land Pattern ............................................................................................................... 20
7.4
4-layer PCB Example.......................................................................................................... 22
7.5
Soldering Information .......................................................................................................... 23
7.5.1
Recommended Condition for Reflow Soldering .................................................. 23
8
Ordering Information .................................................................................................................. 24
Revision History ................................................................................................................................ 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com