Electronic Components Datasheet Search
  English  ▼

X  

ADRF6521ACPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6521ACPZ
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521ACPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6521ACPZ Datasheet HTML 17Page - Analog Devices ADRF6521ACPZ Datasheet HTML 18Page - Analog Devices ADRF6521ACPZ Datasheet HTML 19Page - Analog Devices ADRF6521ACPZ Datasheet HTML 20Page - Analog Devices ADRF6521ACPZ Datasheet HTML 21Page - Analog Devices ADRF6521ACPZ Datasheet HTML 22Page - Analog Devices ADRF6521ACPZ Datasheet HTML 23Page - Analog Devices ADRF6521ACPZ Datasheet HTML 24Page - Analog Devices ADRF6521ACPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
ADRF6521
Rev. 0 | Page 21 of 33
0
1.5
VGN VOLTAGE (V)
40
0
5
10
15
20
25
30
35
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
+85°C
+25°C
–40°C
Figure 72. Noise Figure vs. VGN Voltage over Temperature at 1 GHz
0
1.5
VGN VOLTAGE (V)
40
0
5
10
15
20
25
30
35
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
+85°C
+25°C
–40°C
Figure 73. Noise Figure vs. VGN Voltage over Temperature at 2 GHz
0
1.5
VGN VOLTAGE (V)
40
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
5
10
15
20
25
30
35
+85°C
+25°C
–40°C
Figure 74. Noise Figure vs. VGN Voltage over Temperature at 3 GHz
0
1.5
VGN VOLTAGE (V)
–150
–165
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–164
–163
–162
–161
–160
–159
–158
–157
–156
–155
–154
–153
–152
–151
+85°C
+25°C
–40°C
Figure 75. Output Noise Density vs. VGN Voltage over Temperature at 1 GHz
0
1.5
VGN VOLTAGE (V)
–150
–165
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–164
–163
–162
–161
–160
–159
–158
–157
–156
–155
–154
–153
–152
–151
+85°C
+25°C
–40°C
Figure 76. Output Noise Density vs. VGN Voltage over Temperature at 2 GHz
0
1.5
VGN VOLTAGE (V)
–150
–165
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
–164
–163
–162
–161
–160
–159
–158
–157
–156
–155
–154
–153
–152
–151
+85°C
+25°C
–40°C
Figure 77. Output Noise Density vs. VGN Voltage over Temperature at 3 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com