| Electronic Components Datasheet Search |
|
ADSP-SC592 Datasheet(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC592 Datasheet(HTML) 7 Page - Analog Devices |
|
7 / 143 page ![]() Rev. PrD | Page 7 of 143 | May 2021 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data Generic Interrupt Controller (GIC), PL390 (ADSP-SC59x Only) The generic interrupt controller (GIC) is a centralized resource for supporting and managing interrupts. The GIC splits into the distributor block (GICPORT0) and the central processing unit (CPU) interface block (GICPORT1). Generic Interrupt Controller Port0 (GICPORT0) The GICPORT0 distributor block performs interrupt prioritiza- tion and distribution to the GICPORT1 CPU interface blocks that connect to the processors in the system. It centralizes all interrupt sources, determines the priority of each interrupt, and forwards the interrupt with the highest priority to the interface, for priority masking and preemption handling. Generic Interrupt Controller Port1 (GICPORT1) The GICPORT1 CPU interface block performs priority masking and preemption handling for a connected processor in the sys- tem. GICPORT1 supports 8 software generated interrupts (SGIs) and 326 shared peripheral interrupts (SPIs). L2 Cache Controller, PL310 (ADSP-SC59x Only) The Level 2 (L2) cache controller, PL310 (see Figure 2), works efficiently with the Arm Cortex-A5 processors that implement system fabric. The cache controller directly interfaces on the data and instruction interface. The internal pipelining of the cache controller is optimized to enable the processors to operate at the same clock frequency. The cache controller supports the following: • Two read/write 64-bit completer ports, one connected to the Arm Cortex-A5 instruction and data interfaces, and one connecting the Arm Cortex-A5 and SHARC+ cores for data coherency • Two read/write 64-bit requester ports for interfacing with the system fabric SHARC PROCESSOR The SHARC processor integrates a SHARC+ SIMD core, L1 memory crossbar, I-cache/D-cache controller, L1 memory blocks, and the requester/completer ports, as shown in Figure 3. The SHARC+ SIMD core block diagram is shown in Figure 4. The SHARC processor supports a modified Harvard architec- ture in combination with a hierarchical memory structure. L1 memories typically operate at the full processor speed with little or no latency. Figure 3. SHARC Processor Block Diagram B3 RAM I-CACHE B2 RAM P-CACHE B2 RAM P-CACHE B1 RAM D-CACHE B2 RAM P-CACHE B2 RAM P-CACHE B2 RAM D-CACHE B2 RAM P-CACHE B2 RAM P-CACHE B0 RAM I/O (32) INTERNAL MEMORY INTERFACE (IMIF) I-CACHE/D-CACHE CONTROL SHARC+ SIMD CORE COMPLETER PORT 1 CORE MMR DM (64) PM (64) PS (64/48) (32) REQUESTER PORT INSTRUCTION REQUESTER PORT DATA I/O (32) CMD (64) CMI (64) SYSTEM FABRIC SYSCLK DOMAIN INTERRUPT SYSTEM EVENT CONTROLLER S SIMD Processor CCLK DOMAIN ® COMPLETER PORT 2 (MDMA AND ACCELERATORS) I/O (32) I/O (32) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |