Electronic Components Datasheet Search
  English  ▼

X  

ICS8442I Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS8442I
Description  700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8442I Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS8442I Datasheet HTML 7Page - Integrated Circuit Systems ICS8442I Datasheet HTML 8Page - Integrated Circuit Systems ICS8442I Datasheet HTML 9Page - Integrated Circuit Systems ICS8442I Datasheet HTML 10Page - Integrated Circuit Systems ICS8442I Datasheet HTML 11Page - Integrated Circuit Systems ICS8442I Datasheet HTML 12Page - Integrated Circuit Systems ICS8442I Datasheet HTML 13Page - Integrated Circuit Systems ICS8442I Datasheet HTML 14Page - Integrated Circuit Systems ICS8442I Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
8442AYI
www.icst.com/products/hiperclocks.html
REV. C MAY 10, 2005
11
Integrated
Circuit
Systems, Inc.
ICS8442I
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL
LVDS FREQUENCY SYNTHESIZER
The following component footprints are used in this layout
example: All the resistors and capacitors are size 0603.
POWER AND GROUNDING
Place the decoupling capacitors C14 and C15 as close as pos-
sible to the power pins. If space allows, placing the decoupling
capacitor at the component side is preferred. This can reduce
unwanted inductance between the decoupling capacitor and the
power pin generated by the via.
Maximize the pad size of the power (ground) at the decoupling
capacitor. Maximize the number of vias between power (ground)
and the pads.This can reduce the inductance between the power
(ground) plane and the component power (ground) pins.
If V
CCA shares the same power supply with VCC, insert the RC
filter R7, C11, and C16 in between. Place this RC filter as close
to the V
CCA as possible.
CLOCK TRACES AND TERMINATION
The component placements, locations and orientations should
be arranged to achieve the best clock signal quality. Poor clock
signal quality can degrade the system performance or cause
system failure. In the synchronous high-speed digital system,
the clock signal is less tolerable to poor signal quality than other
signals. Any ringing on the rising or falling edge or excessive ring
back can cause system failure. The trace shape and the trace
delay might be restricted by the available space on the board and
the component location.While routing the traces, the clock signal
traces should be routed first and should be locked prior to routing
other signal traces.
• The traces with 50
Ω transmission lines TL1 and TL2 at
FOUT and nFOUT should have equal delay and run ad-
jacent to each other. Avoid sharp angles on the clock trace.
Sharp angle turns cause the characteristic impedance to
change on the transmission lines.
• Keep the clock traces on the same layer. Whenever pos-
sible, avoid any vias on the clock traces. Any via on the
trace can affect the trace characteristic impedance and
hence degrade signal quality.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is
unavoidable, allow more space between the clock trace
and the other signal trace.
• Make sure no other signal trace is routed between the
clock trace pair.
The matching termination resistors R1 and R2 should be located
as close to the receiver input pins as possible. Other termination
scheme can also be used but is not shown in this example.
CRYSTAL
The crystal X1 should be located as close as possible to the pins
24 (XTAL_OUT) and 25 (XTAL_IN).The trace length between the
X1 and U1 should be kept to a minimum to avoid unwanted para-
sitic inductance and capacitance. Other signal traces should not
be routed near the crystal traces.
FIGURE 5B. PCB BOARD LAYOUT FOR ICS8442I
VDD
TL1
C15
C14
R1
Same requirement fo
FOUT1/nFOUT1
VDDA
Close to the input
pins of the
receiver
R7
X1
C2
For FOUT0/n FOUT0
output TL1, TL1N are
50 Ohm traces and
equal length
VIA
GND
PIN 1
U1
C1
TL1N
C11
C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com