Electronic Components Datasheet Search
  English  ▼

X  

ICS8516FYILFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8516FYILFT
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8516FYILFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8516FYILFT Datasheet HTML 1Page - Integrated Circuit Systems ICS8516FYILFT Datasheet HTML 2Page - Integrated Circuit Systems ICS8516FYILFT Datasheet HTML 3Page - Integrated Circuit Systems ICS8516FYILFT Datasheet HTML 4Page - Integrated Circuit Systems ICS8516FYILFT Datasheet HTML 5Page - Integrated Circuit Systems ICS8516FYILFT Datasheet HTML 6Page - Integrated Circuit Systems ICS8516FYILFT Datasheet HTML 7Page - Integrated Circuit Systems ICS8516FYILFT Datasheet HTML 8Page - Integrated Circuit Systems ICS8516FYILFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8516FYI
www.icst.com/products/hiperclocks.html
REV. A JULY 30, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8516I
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
GENERAL DESCRIPTION
The ICS8516I is a low skew, high performance
1-to-16 Differential-to-LVDS Clock Distribution
Chip and a member of the HiPerClockS™
family of High Performance Clock Solutions
from ICS. The ICS8516I CLK, nCLK pair can
accept any differential input levels and translates them to
3.3V LVDS output levels. Utilizing Low Voltage Differential
Signaling (LVDS), the ICS8516I provides a low power, low
noise, point-to-point solution for distributing clock signals
over controlled impedances of 100
Ω.
Dual output enable inputs allow the ICS8516I to be used in
a 1-to-16 or 1-to-8 input/output mode. Guaranteed output
and part-to-part skew specifications make the ICS8516I ideal
for those applications demanding well defined performance
and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 16 Differential LVDS outputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 700MHz
• Translates any differential input signal (LVPECL, LVHSTL,
SSTL, DCM) to LVDS levels without external bias networks
• Translates any single-ended input signal to LVDS
with resistor bias on nCLK input
• Multiple output enable inputs for disabling unused
outputs in reduced fanout applications
• LVDS compatible
• Output skew: 65ps (maximum)
• Part-to-part skew: 550ps (maximum)
• Propagation delay: 2.4ns (maximum)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
HiPerClockS™
ICS
48-Lead LQFP
7mm x 7mm x 1.4mm body package
Y Package
Top View
OE1
OE2
CLK
nCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q15
nQ15
Q14
nQ14
Q13
nQ13
Q12
nQ12
Q11
nQ11
Q10
nQ10
Q9
nQ9
Q8
nQ8
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VDD
nQ5
Q5
nQ4
Q4
VDD
GND
nQ3
Q3
nQ2
Q2
VDD
VDD
nQ10
Q10
nQ11
Q11
VDD
GND
nQ12
Q12
nQ13
Q13
VDD
ICS8516I


Similar Part No. - ICS8516FYILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516FY ICST-ICS8516FY Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS8516FYLF ICST-ICS8516FYLF Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
logo
Integrated Device Techn...
ICS8516FYLF IDT-ICS8516FYLF Datasheet
239Kb / 16P
Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS8516FYLFT ICST-ICS8516FYLFT Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
logo
Integrated Device Techn...
ICS8516FYLFT IDT-ICS8516FYLFT Datasheet
239Kb / 16P
Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
More results

Similar Description - ICS8516FYILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A APRIL 25, 2005
logo
Integrated Device Techn...
ICS85408I IDT-ICS85408I Datasheet
761Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
85108 IDT-85108 Datasheet
528Kb / 16P
Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
85408 IDT-85408_15 Datasheet
299Kb / 16P
Low Skew, 1-to-8, Differential-to-LVDS Clock
logo
Renesas Technology Corp
85408 RENESAS-85408 Datasheet
539Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
Rev C 1/5/15
85408I RENESAS-85408I Datasheet
635Kb / 17P
Low Skew, 1-to-8, Differential-to-LVDS Clock
February 23, 2016
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com