Electronic Components Datasheet Search
  English  ▼

X  

PLPT9450LB_E Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PLPT9450LB_E
Description  Projection Professional LED & Laser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLPT9450LB_E Datasheet(HTML) 3 Page - OSRAM GmbH

  PLPT9450LB_E Datasheet HTML 1Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 2Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 3Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 4Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 5Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 6Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 7Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 8Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PLPT9 450LB_E
3 Version 0.0 | 2021-07-08
Characteristics
P
opt = 5.0 W; TC = 25 °C
Parameter
Symbol
Values
Operating current 1)
I
op
typ.
max.
3 A
3.8 A
Centroid wavelength 2)
λ
centroid
min.
typ.
max.
440 nm
447 nm
455 nm
Optical output power
P
opt
typ.
5.0 W
Beam divergence (1/e²) parallel to pn-junction
Θ
‖
min.
typ.
max.
6 °
9 °
13 °
Beam divergence (1/e²) perpendicular to pn-junction
Θ
┴
min.
typ.
max.
41 °
49 °
57 °
Threshold current
I
th
typ.
max.
0.29 A
0.45 A
Forward voltage 3)4)
V
F
typ.
max.
4.3 V
5.0 V
Total power dissipation
P
tot
typ.
8 W
TE polarization
P
TE
typ.
100:1
Thermal resistance junction case real
R
thJC
typ.
8 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com