Electronic Components Datasheet Search
  English  ▼

X  

MAX16050 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16050
Description  Reverse-Sequencing Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16050 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16050 Datasheet HTML 1Page - Maxim Integrated Products MAX16050 Datasheet HTML 2Page - Maxim Integrated Products MAX16050 Datasheet HTML 3Page - Maxim Integrated Products MAX16050 Datasheet HTML 4Page - Maxim Integrated Products MAX16050 Datasheet HTML 5Page - Maxim Integrated Products MAX16050 Datasheet HTML 6Page - Maxim Integrated Products MAX16050 Datasheet HTML 7Page - Maxim Integrated Products MAX16050 Datasheet HTML 8Page - Maxim Integrated Products MAX16050 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DC-DC Mode
For DC-DC mode operation, connect the DC-DC con-
verter outputs and EN/SHDN inputs to the EV kit’s IN_
and OUT_ header pins, respectively, and place shunts
across pins 2-3 of headers J1 and J2. Header J1 drives
the U1_IN1–U1_IN4 MAX16050 inputs and header J2
drives the U2_IN1–U2_IN5 MAX16051 inputs. See
Table 1 and Figure 1 for headers J1 and J2 configura-
tion for DC-DC and demo modes of operation. By
default, the input-voltage thresholds are set according
to Table 2.
The sequence delay between each of the OUT_ outputs
is the time required for the external converter voltage to
exceed the undervoltage threshold, the respective
channel open-drain output OUT_ going high imped-
ance, and the additional time delay set by external delay
capacitors C10 and C20. As each IN_ voltage meets its
respective threshold, the next OUT_ in the sequence
goes high impedance (open-drain output), enabling the
next power supply, which is then monitored by the next
input stage. When all the voltages exceed their respec-
tive thresholds, RESET goes high after the reset timeout
period set by capacitors C11 and C21.
Demo Mode
The MAX16050 EV kit allows quick evaluation of the
MAX16050 and MAX16051 ICs individually without inter-
facing DC-DC converters to the kit’s IN and OUT header
pins. Place shunts across pins 1-2 and pins 2-3 of head-
ers J1 and J2 to operate the MAX16050 EV kit in demo
mode. In demo mode, VCC or VPULLUP powers the
inputs to the respective IN_ channels with the OUT_
pullup voltage. Demo mode operation requires a mini-
mum 3.5V applied at the VCC or VPULLUP PCB input
pads. See Table 1 and Figure 1 for proper shunt place-
ment when operating the MAX16050 EV kit in demo
mode. Note that when operating the MAX16050 EV kit in
demo mode, both OV_OUT signals will be asserted low.
To daisy chain the MAX16050 and MAX16051 while
operating the EV kit in demo mode, See the
Configuring
the MAX16050 EV Kit for Daisy-Chain Operation (SW1)
section.
Input Channel Threshold Voltages (IN_)
The EV kit input-voltage thresholds are set to operate
with 3.3V, 2.5V, 1.8V, 1.5V, and 1.2V (MAX16051) volt-
age systems. All input-voltage thresholds can be recon-
figured by replacing the corresponding resistors, as
shown in Table 2. Refer to the
Resistor Value Selection
section in the MAX16050/MAX16051 IC data sheet to
calculate the new resistor values when reconfiguring
the EV kit input thresholds.
OUT_ Pullup Voltage Selection (JU1, JU10)
Jumpers JU1 and JU10 select the OUT_ open-drain
pullup voltage. Place a shunt across pins 1-2 of
jumpers JU1 and JU10 to select the respective power-
supply inputs (U1_VCC, U2_VCC) as the OUT_ logic-
high voltage. Place shunts across pins 2-3 of jumpers
JU1 and JU10 to select VPULLUP as the OUT_ logic-
high voltage. See Table 3 for proper jumper settings for
OUT_’s logic-high voltage configuration.
MAX16050 Evaluation Kit
4
_______________________________________________________________________________________
Table 2. Input Channel Threshold Voltages
INPUT CHANNEL
INPUT
THRESHOLD
VOLTAGE (V)
RESISTORS
U1_IN1, U2_IN1
3.13
R12/R13, R32/R33
U1_IN2, U2_IN2
2.28
R9/R10, R29/R30
U1_IN3, U2_IN3
1.71
R6/R7, R26/R27
U1_IN4, U2_IN4
1.43
R3/R4, R23/R24
U2_IN5
1.14
R35/R36
Figure 1. Headers J1/J2 Shunt Configurations for DC-DC and
Demo Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com