Electronic Components Datasheet Search
  English  ▼

X  

MAX15093 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15093
Description  Banana Jacks for Input and Output Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15093 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15093 Datasheet HTML 1Page - Maxim Integrated Products MAX15093 Datasheet HTML 2Page - Maxim Integrated Products MAX15093 Datasheet HTML 3Page - Maxim Integrated Products MAX15093 Datasheet HTML 4Page - Maxim Integrated Products MAX15093 Datasheet HTML 5Page - Maxim Integrated Products MAX15093 Datasheet HTML 6Page - Maxim Integrated Products MAX15093 Datasheet HTML 7Page - Maxim Integrated Products MAX15093 Datasheet HTML 8Page - Maxim Integrated Products MAX15093 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluate: MAX15093/MAX15093A
MAX15093/MAX15093A
Evaluation Kits
MAX15093/93A EV Component List
TITLE: Bill of Materials
DESIGN: max15093_evkit_a
ITEM QTY REF DES
Var Status
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
2 C1, C2
Pref
20-0001U-Z51
C1005X5R1E105K050
TDK
1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 1UF; 25V; TOL=10%; TG=-55
DEGC TO +85 DEGC; TC=X5R
2
1 C3
Pref
20-8200P-14
C0402X7R500822KNP
VENKEL LTD.
8200PF
CAPACITOR; SMT; 0402; CERAMIC; 8200pF; 50V; 10%; X7R; -55degC to +
125degC; 0 +/-15% degC MAX.
3
1 C4
Pref
20-0U047-03
C1005X7R1E473K; GRM155R71E473K
TDK/MURATA
0.047UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.047UF; 25V; TOL=10%; TG=-55
DEGC TO +125 DEGC
4
1 C5
Pref
20-00U22-12
C0603C224K3RAC; GMC10X7R224K25;
GRM188R71E224KA88; C1608X7R1E224K08
KEMET; MURATA; TDK
0.22UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.22UF; 25V; TOL=10%; TG=-55
DEGC TO +125 DEGC; TC=X7R
5
6 C6-C11
Pref
20-0010U-A4
GRM31CR71E106KA12L; CL31B106KAHNNN
MURATA; SAMSUNG ELECTRONICS
10UF
CAPACITOR; SMT (1206); CERAMIC CHIP; 10UF; 25V; TOL=10%; TG=-55
DEGC TO +125 DEGC; TC=X7R
6
1 CB
Pref
01-PEC03SAAN3P-21
PEC03SAAN
SULLINS
PEC03SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT; 3PINS
7
6
OV, UV, REG,
VCC, CDLY,
GATE
Pref
02-TPMINI5000-00
5000 KEYSTONE
N/A
TEST POINT; PIN DIA=0.1IN; TOTAL LENGTH=0.3IN; BOARD HOLE=0.04IN;
RED; PHOSPHOR BRONZE WIRE SILVER PLATE FINISH; RECOMMENDED
FOR BOARD THICKNESS=0.062IN; NOT FOR COLD TEST
8
10
J1, J3-J5, PG,
CGATE, FAULT,
UV_IN, ISENSE,
TIMEOUT
Pref
01-PEC02SAAN2P-21
PEC02SAAN
SULLINS
PEC02SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT; 2PINS
9
1 D1
Pref
30-SMBJ18A-00
SMBJ18A
LITTLE FUSE
18V
DIODE; TVS; SMB (DO-214AA); PIV=18V; IF=20.6A
10
1 D2
Pref
30-B330A-00
B330A
DIODES INCORPORATED
B330A
DIODE; SCH; SMT; PIV=30V; IF=3A
11
5
INX, GDRV,
OUTX, GNDX1,
GNDX2
Pref
01-9020BUSS20AWG-00 9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD; WIRE; NATURAL; SOLID; WEICO WIRE; SOFT
DRAWN BUS TYPE-S; 20AWG
12
2 GND, GND1
Pref
01-70071P-80
7007 KEYSTONE
7007
CONNECTOR; PANELMOUNT; BINDING POST; STRAIGHT THROUGH; 1PIN;
BLACK
13
2 IN, OUT
Pref
01-70061P-80
7006 KEYSTONE
7006
CONNECTOR; PANELMOUNT; BINDING POST; STRAIGHT THROUGH; 1PIN;
RED
14
1 J2
Pref
01-PEC02DAAN4P-21
PEC02DAAN
SULLINS ELECTRONIC CORP.
PEC02DAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT; 4PINS
15
1 Q1
Pref
90-NTD4906NT4G-21
NTD4906NT4G
ON SEMICONDUCTOR
NTD4906NT4G
TRAN; POWER MOSFET; SINGLE N-CHANNEL; NCH; TO-252; PD-(1.38W); I-
(54A); V-(30V)
16
1 R1
Pref
80-017K8-23
CRCW040217K8FK
VISHAY DALE
17.8K
RESISTOR; 0402; 17.8K OHM; 1%; 100PPM; 0.063W; THICK FILM
17
1 R2
Pref
80-0523R-23
ERJ-2RKF5230X
VISHAY DALE/PANASONIC
523
RESISTOR; 0402; 523 OHM; 1%; 100PPM; 0.063W; THICK FILM 3-LAYER
ELECTRODE
18
1 R3
Pref
80-01K78-23
ERJ-2RKF1781X
PANASONIC
1.78K
RESISTOR; 0402; 1.78K OHM; 1%; 100PPM; 0.10W; THICK FILM
19
1 R4
Pref
80-0010R-49
CRCW040210R0JN
VISHAY DALE
10 RESISTOR; 0402; 10 OHM; 5%; 200PPM; 0.063W; THICK FILM
20
1 R5
Pref
80-040K2-24
CRCW060340K2FK; RC0603FR-0740K2L; ERJ-
3EKF4022V
VISHAY DALE/YAGEO/PANASONIC
40.2K
RESISTOR; 0603; 40.2K; 1%; 100PPM; 0.10W; THICK FILM
21
1 R6
Pref
80-0499R-23
CRCW0402499RFK / ERJ-2RKF4990X
VISHAY DALE / Panasonic
499 RESISTOR; 0402; 1K; 1%; 100PPM; 0.0625W; THICK FILM
22
1 R7
Pref
80-0001K-53
ERJ-3GEYJ102V
PANASONIC
1K
RESISTOR; 0603; 1K OHM; 5%; 200PPM; 0.10W; THICK FILM
23
1 R8
Pref
80-0100K-53
ERJ-3GEYJ104V
PANASONIC
100K
RESISTOR; 0603; 100K OHM; 5%; 200PPM; 0.10W; THICK FILM
24
1 R9
Pref
80-0100K-Q6
ERJ-2GEJ104X
PANASONIC
100K
RESISTOR; 0402; 100K OHM; 5%; 200PPM; 0.10W; THICK FILM
25
1 R10
Pref
80-049R9-24
CRCW060349R9FK
VISHAY DALE
49.9 RESISTOR; 0603; 49.9 OHM; 1%; 100PPM; 0.10W; THICK FILM
26
1 R11
Pref
80-0050K-AA19
3296Y-1-503LF
BOURNS
50K
RESISTOR; THROUGH HOLE-RADIAL LEAD; 3296 SERIES; 50K OHM; 10%;
100PPM; 0.5W
27
1 R12
Pref
80-0000R-26A
ERJ-2GE0R00X
PANASONIC
0 RESISTOR; 0402; 0 OHM; 0%; JUMPER; 0.10W; THICK FILM
28
6 SU1-SU6
Pref
02-JMPFS1100B-00
SX1100-B
KYCON
SX1100-B
TEST POINT; JUMPER; STR; TOTAL LENGTH=0.24IN; BLACK;
INSULATION=PBT;PHOSPHOR BRONZE CONTACT=GOLD PLATED
29
1 U1
Pref
MAX15093
MAX15093
MAXIM
MAX15093
EVKIT PART - IC; MAX15093; WLP20; PKG CODE W402B3+1
30
1 U2
Pref
ICM7555ISA+
ICM7555ISA+
MAXIM
ICM7555ISA+
IC; TIMR; GENERAL PURPOSE TIMER; NSOIC8 150MIL
31
1
Pref
EPCB15093
MAX15093
MAXIM
PCB
PCB: MAX15093
TOTAL
62
DO NOT PURCHASE(DNP)
ITEM QTY REF DES
Var Status
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
1 C12
DNP
20-0010U-P7
C1608X5R1E106M080AC; CL10A106MA8NRNC
TDK/SAMSUNG ELECTRONICS
10UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 10UF; 25V; TOL=20%; TG=-55
DEGC TO +85 DEGC; TC=X5R
2
1 C13
DNP
20-0180U-57
25SEPF180M
PANASONIC
180UF
CAPACITOR; THROUGH HOLE-RADIAL LEAD; ALUMINUM-ELECTROLYTIC;
180UF; 25V; TOL=20%
3
2 C14, C15
DNP
20-000U1-B68
GRM155R71E104KE14
MURATA
0.1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.1UF; 25V; TOL=10%;
MODEL=GRM SERIES; TG=-55 DEGC TO +125 DEGC; TC=X7R
4
1 C16
DNP
20-00U01-B60
C0402C103K5RAC;GRM155R71H103KA88
KEMET/MURATA
0.01UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.01UF; 50V; TOL=10%; TG=-55
DEGC TO +125 DEGC; TC=X7R
5
2 C17, C18
DNP
20-0470U-39
ECA-1EM471
PANASONIC
470UF
CAPACITOR; THROUGH HOLE-RADIAL LEAD; ALUMINUM-ELECTROLYTIC;
470UF; 25V; TOL=20%
TOTAL
7
PACKOUT (These are purchased parts but not assembled on PCB and will be shipped with PCB)
ITEM QTY REF DES
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
COMMENTS
1
1 PACKOUT
88-00711-SML
88-00711-SML
N/A
?
BOX;SMALL BROWN 9
3/16X7X1 1/4 - PACKOUT
2
1 PACKOUT
87-02162-00
87-02162-00
N/A
?
ESD BAG;BAG;STATIC
SHIELD ZIP
4inX6in;W/ESD LOGO -
PACKOUT
3
1 PACKOUT
85-MAXKIT-PNK 85-MAXKIT-PNK
N/A
?
PINK FOAM;FOAM;ANTI-
STATIC PE
12inX12inX5MM -
PACKOUT
4
1 PACKOUT
EVINSERT
EVINSERT
N/A
?
WEB INSTRUCTIONS FOR
MAXIM DATA SHEET
5
1 PACKOUT
85-84003-006
85-84003-006
N/A
?
LABEL(EV KIT BOX) -
PACKOUT
TOTAL
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com