Electronic Components Datasheet Search
  English  ▼

X  

MAX14970 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14970
Description  Eye Diagram Test Circuit with SMA Inputs/Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14970 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14970 Datasheet HTML 1Page - Maxim Integrated Products MAX14970 Datasheet HTML 2Page - Maxim Integrated Products MAX14970 Datasheet HTML 3Page - Maxim Integrated Products MAX14970 Datasheet HTML 4Page - Maxim Integrated Products MAX14970 Datasheet HTML 5Page - Maxim Integrated Products MAX14970 Datasheet HTML 6Page - Maxim Integrated Products MAX14970 Datasheet HTML 7Page - Maxim Integrated Products MAX14970 Datasheet HTML 8Page - Maxim Integrated Products MAX14970 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14970
MAX14970 Evaluation Kit
Output Preemphasis (JU7)
The characterization circuit channel A can be evaluated
with or without output preemphasis. Configure JU7 of the
characterization circuit channel A to enable/disable output
preemphasis (See Table 8).
OOB Mode Selection (JU9)
The characterization circuit provides full OOB signal sup-
port through high-speed OOB-detection circuitry. The SATA
range used can be selected through configuration of jump-
er JU8 (see Table 9). When the MODE pin is set to GND,
the SATA version 3.0 range is used. When the MODE pin
is set to VCC, the SATA version 2.6 range is used.
Calibration Traces
The bottom half of the EV kit provides two sets of cali-
bration traces that can be used for further analysis. The
lengths of the calibration traces are matched to the traces
going from the SMA connector to the characterization cir-
cuit. The first calibration trace includes a 50Ω load termi-
nation and the second calibration trace is a through trace.
*Default configuration.
*Default configuration.
SHUNT
POSITION
MODE PIN
(U2)
DESCRIPTION
1-2
Connected to
VCC
SATA version 2.6 range
is used
2-3*
Connected to
GND
SATA version 3.0 range
is used
SHUNT
POSITION
PA PIN (U2)
DESCRIPTION
1-2
Connected to
+3.3V
Channel A output
preemphasis enabled
2-3*
Connected to
GND
Channel A output
preemphasis disabled
Not installed
Not connected
Table 9. Jumper JU8 Function (U2 MODE)
Table 8. Jumper JU7 Function (U2 PA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com