Electronic Components Datasheet Search
  English  ▼

X  

ICS83905I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83905I
Description  LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83905I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83905I Datasheet HTML 1Page - Integrated Circuit Systems ICS83905I Datasheet HTML 2Page - Integrated Circuit Systems ICS83905I Datasheet HTML 3Page - Integrated Circuit Systems ICS83905I Datasheet HTML 4Page - Integrated Circuit Systems ICS83905I Datasheet HTML 5Page - Integrated Circuit Systems ICS83905I Datasheet HTML 6Page - Integrated Circuit Systems ICS83905I Datasheet HTML 7Page - Integrated Circuit Systems ICS83905I Datasheet HTML 8Page - Integrated Circuit Systems ICS83905I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
83905AGI
http://www.icst.com/products/hiperclocks.html
REV. B MAY 16, 2005
1
Integrated
Circuit
Systems, Inc.
ICS83905I
LOW SKEW, 1:6 CRYSTAL INTERFACE-TO-
LVCMOS / LVTTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS83905I is a low skew, 1-to-6 LVCMOS /
LVTTL Fanout Buffer and a member of the
HiPerClockS™family of High Performance Clock
Solutions from ICS. The low impedance
LVCMOS/LVTTL outputs are designed to drive
50W series or parallel terminated transmission lines. The ef-
fective fanout can be increased from 6 to 12 by utilizing the
ability of the outputs to drive two series terminated lines.
The ICS83905I is characterized at full 3.3V, 2.5V, and 1.8V,
mixed 3.3V/2.5V, 3.3V/1.8V and 2.5V/1.8V output operating
supply mode. Guaranteed output and part-to-part skew
characteristics along with the 1.8V output capabilities makes
the ICS83905I ideal for high performance, single ended appli-
cations that also require a limited output voltage.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 6 LVCMOS / LVTTL outputs
• Outputs able to drive 12 series terminated lines
• Crystal oscillator interface
• Crystal input frequency range: 10MHz to 40MHz
• Output skew: 80ps (maximum)
• RMS phase jitter @ 25MHz, (100Hz - 1MHz):
0.26ps (typical) (V
DD = VDDO = 2.5V)
Phase noise:
Offset
Noise Power
100Hz .............. -129.7 dBc/Hz
1kHz .............. -144.4 dBc/Hz
10kHz .............. -147.3 dBc/Hz
100kHz .............. -157.3 dBc/Hz
• 5V tolerant enable inputs
• Synchronous output enables
• Operating power supply modes:
Full 3.3V, 2.5V and 1.8V,
mixed 3.3V core/2.5V output operating supply,
mixed 3.3V core/1.8V output operating supply,
mixed 2.5V core/1.8V output operating supply
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant
HiPerClockS™
ICS
ICS83905I
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm body package
G Pacakge
Top View
XTAL_OUT
ENABLE 2
GND
BCLK0
VDDo
BCLK1
GND
BCLK2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
XTAL_IN
ENABLE 1
BCLK5
VDDO
BCLK4
GND
BCLK3
VDD
SYNCHRONIZE
SYNCHRONIZE
BCLK0
BCLK1
BCLK2
BCLK3
BCLK4
BCLK5
ENABLE 1
ENABLE 2
XTAL_IN
XTAL_OUT


Similar Part No. - ICS83905I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83905I IDT-ICS83905I Datasheet
428Kb / 17P
Crystal oscillator interface
More results

Similar Description - ICS83905I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JULY 20, 2005
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83905 IDT-83905 Datasheet
493Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
83918 IDT-83918_16 Datasheet
332Kb / 19P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
83905I RENESAS-83905I Datasheet
694Kb / 22P
Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
83918 RENESAS-83918 Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com