Electronic Components Datasheet Search
  English  ▼

X  

577319 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 577319
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577319 Datasheet(HTML) 1 Page - Festo Corporation.

  577319 Datasheet HTML 1Page - Festo Corporation. 577319 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VUVG-L14-B52-T-G18-1H2L-W1
Part number: 577319
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Electrical
Valve size
14 mm
Standard nominal flow rate
700 l/min ... 780 l/min
Pneumatic working port
G1/8
Operating voltage
24V DC
Operating pressure
0.15 MPa ... 0.8 MPa
Operating pressure
1.5 bar ... 8 bar
Structural design
Piston gate valve
Certification
RCM compliance mark
c UL us - Recognized (OL)
Degree of protection
IP40
With plug socket
Nominal width
5.6 mm
Type code
VUVG
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Covered
Type of control
Pilot-controlled
Pilot air supply port
Internal
Symbol
00992897
Lap
Overlap
Pilot pressure MPa
0.15 MPa ... 0.8 MPa
Pilot pressure
1.5 bar ... 8 bar
Suitability for vacuum
no
Changeover time
8 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
700 µs
Max. negative test pulse on 1 signal
900 µs
Coil characteristics
24 V DC: 1.0 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
10/5/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 577319

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
577316 FESTO-577316 Datasheet
101Kb / 2P
Air solenoid valve
577317 FESTO-577317 Datasheet
103Kb / 2P
Air solenoid valve
More results

Similar Description - 577319

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com