Electronic Components Datasheet Search
  English  ▼

X  

ICS83947I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83947I
Description  LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83947I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83947I Datasheet HTML 1Page - Integrated Circuit Systems ICS83947I Datasheet HTML 2Page - Integrated Circuit Systems ICS83947I Datasheet HTML 3Page - Integrated Circuit Systems ICS83947I Datasheet HTML 4Page - Integrated Circuit Systems ICS83947I Datasheet HTML 5Page - Integrated Circuit Systems ICS83947I Datasheet HTML 6Page - Integrated Circuit Systems ICS83947I Datasheet HTML 7Page - Integrated Circuit Systems ICS83947I Datasheet HTML 8Page - Integrated Circuit Systems ICS83947I Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
83947AYI
http://www.icst.com/products/hiperclocks.html
REV. B OCTOBER 11, 2004
1
Integrated
Circuit
Systems, Inc.
ICS83947I
LOW SKEW, 1-TO-9
LVCMOS FANOUT BUFFER
GENERAL DESCRIPTION
The ICS83947I is a low skew, 1-to-9 LVCMOS
Fanout Buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions from
ICS. The low impedance LVCMOS/LVTTL out-
puts are designed to drive 50
Ω series or parallel
terminated transmission lines. The effective fanout can be in-
creased from 9 to 18 by utilizing the ability of the outputs to
drive two series terminated lines.
Guaranteed output and part-to-part skew characteristics
make the ICS83947I ideal for high performance, single ended
applications that also require a limited output voltage.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 9 LVCMOS/LVTTL outputs
• Selectable CLK0 and CLK1 can accept the following
input levels: LVCMOS and LVTTL
• Maximum output frequency: 110MHz
• Output skew: 500ps (maximum)
• Part-to-part skew: 2ns (maximum)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-Free package available
• Pin compatible with the MPC947
HiPerClockS™
ICS
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
Q3
VDDO
Q4
GND
Q5
VDDO
GND
GND
CLK_SEL
CLK0
CLK1
CLK_EN
OE
VDD
GND
ICS83947I
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
CLK0
CLK1
0
1
CLK_EN
CLK_SEL
D
Q
LE
OE


Similar Part No. - ICS83947I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83947I-147 ICST-ICS83947I-147 Datasheet
169Kb / 10P
LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
REV. A SEPTEMBER 24, 2004
logo
Renesas Technology Corp
ICS83947I-147 RENESAS-ICS83947I-147 Datasheet
398Kb / 13P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
March 18, 2016
More results

Similar Description - ICS83947I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
ICS83940 ICST-ICS83940 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. B JULY 31, 2001
ICS83947I-147 ICST-ICS83947I-147 Datasheet
169Kb / 10P
LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
REV. A SEPTEMBER 24, 2004
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
83947I IDT-83947I Datasheet
106Kb / 10P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
83947I-147 IDT-83947I-147 Datasheet
205Kb / 12P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83947I RENESAS-83947I Datasheet
210Kb / 11P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
March 17, 2016
ICS83947I-147 RENESAS-ICS83947I-147 Datasheet
398Kb / 13P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
March 18, 2016
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com