Electronic Components Datasheet Search
  English  ▼

X  

MAX22192 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX22192
Description  EV Kit Logic-Side is USB-Powered
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22192 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX22192 Datasheet HTML 1Page - Maxim Integrated Products MAX22192 Datasheet HTML 2Page - Maxim Integrated Products MAX22192 Datasheet HTML 3Page - Maxim Integrated Products MAX22192 Datasheet HTML 4Page - Maxim Integrated Products MAX22192 Datasheet HTML 5Page - Maxim Integrated Products MAX22192 Datasheet HTML 6Page - Maxim Integrated Products MAX22192 Datasheet HTML 7Page - Maxim Integrated Products MAX22192 Datasheet HTML 8Page - Maxim Integrated Products MAX22192 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX22192
MAX22192 Evaluation System
System Block Diagram
VUSB
GNDL
X1
VDD24F VDD3F
GNDF
MAX22192
U1
24V
REFWB
REFDI
VLF
VDD3F / VLF
AFS
VUSB
1µF
0.1µF
0.1µF
10kΩ
150Ω
7.5kΩ
24kΩ
LEDR0
LEDR1
LEDR2
LEDC0
LEDC1
LEDC2
1µF
EXTVM
IN1
LED1
IN2
LED2
IN8
LED8
470Ω
470Ω
470Ω
FCS FSCLK
FSDO FSDI
M1
M0
FLATCH FFAULT
OREADY
OSDI
IFAULT
IREADY
GNDL
VDDL
0.1µF
10µF
VUSB
AFS
LFAULT
LCS
LSCLK
LSDI
LSDO
LLATCH
SDOEN
UC_CSB1
UC_SCLK
UC_MOSI
UC_MISO
UC_LATCH
UC_FAULT
24VM
VDD24
1.5kΩ
1.5kΩ
1.5kΩ
10kΩ
CS
SCLK
SDO SDI
FAULT
READY
LATCH
VDD
VL
REFDI REFWB
IN1
LED1
IN2
LED2
IN8
LED8
1kΩ
1kΩ
1kΩ
M1
GNDF
MAX22190
U2
VL
VL
5.2kΩ
24kΩ
MAX22192 EV KIT INDEPENDENT SLAVE MODE (DEFAULT)
M0
MAX12931
U3
VDDA
IN1
OUT1
IN2
VDDB
GNDB
UC_CSB2
OUT2
GNDA
0.1µF
10µF
VUSB
10µF
0.1µF
VL
10kΩ
VL
VDD24F
VDD3F
VDD24F
T1 AND T2
VLF
VLF
VDD24F
T3 AND T4
0Ω
0Ω
VL
VL
VL
EARTH
3300pF
1000pF
1µF 0.1µF
1µF 0.1µF
1µF 0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com