Electronic Components Datasheet Search
  English  ▼

X  

MAX20751 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20751
Description  Multiphase Master with PMBus Interface and Internal Buck Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20751 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20751 Datasheet HTML 1Page - Maxim Integrated Products MAX20751 Datasheet HTML 2Page - Maxim Integrated Products MAX20751 Datasheet HTML 3Page - Maxim Integrated Products MAX20751 Datasheet HTML 4Page - Maxim Integrated Products MAX20751 Datasheet HTML 5Page - Maxim Integrated Products MAX20751 Datasheet HTML 6Page - Maxim Integrated Products MAX20751 Datasheet HTML 7Page - Maxim Integrated Products MAX20751 Datasheet HTML 8Page - Maxim Integrated Products MAX20751 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
General Description
The
MAX20751
PMBus
™-compliant multiphase
master IC, with extensive status and parameter monitor-
ing, is capable of driving up to four smart-slave integrated
power devices.
Utilizing Maxim’s smart-slave ICs, the device
provides a high-density and flexible solution that can be
tailored to a range of power loads used in commu-
nication equipment. Proprietary-coupled inductors,
recommended to reduce the effective inductor value with-
out excessive ripple current, results in improved transient
response and reduction in the number of output capaci-
tors required.
The device incorporates current reporting, tempera-
ture monitoring, fault detection, and PMBus support.
Overcurrent and overtemperature faults are detected
by the individual smart slaves and faults communicated
through the master IC. The highest junction temperature
is reported, both before and after smart-slave regulation.
The device features an integrated switching regulator
that can optionally be used to supply the VDD rail for the
master controller and smart-slave devices to reduce the
power-rail requirements and simplify the regulator design.
Applications
● Communication, Networking, Servers, and Storage
Equipment
• ASICs
• Microprocessor Chipsets
• Memory VDDQ
• Other High-Current Digital ICs
Benefits and Features
● Increased Power Density with Fewer External
Components Needed
• Scalable, Multiphase Solution
• Compatibility with Coupled Inductors Enables Fast
Transient Response and Reduced COUT
• Integrated Internal Switching Regulator to Power
Smart Slaves
● Optimized Component Performance and Efficiency
with Reduced Design-In Time
• PMBus-Compliant Interface for Telemetry and
Power Management
• Field-Programmable Memory to Allow Storage of
Desired Configuration Parameters
• Fault Logging
● Comprehensive System and IC Self-Protection
Features Promote Increased Power-Supply Reliability
• Overcurrent and Overtemperature
• Boost Voltage UVLO
• VX Short to Ground or VDDH Detection
• Phase-Current Steering for Thermal Balancing
● 36-Pin (6mm x 6mm) QFN Package
Ordering Information appears at end of data sheet.
19-7080; Rev 2; 3/15
PMBus is a trademark of SMIF, Inc.
Figure 1. Basic Application Circuit
PWM1
PWM3
PWM4
PWM2
ISENSE1
ISENSE2
ISENSE3
ISENSE4
TS_FAULTB
VOUT
SENSE_P
SENSE_N
MAX20751
Power
Management
COntroller
PMBus
Smart
Slave
Smart
Slave
Smart
Slave
Smart
Slave
MAX20751
Multiphase Master with PMBus Interface
and Internal Buck Converter
EVALUATION KIT AVAILABLE


Similar Part No. - MAX20751

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20754EVKIT MAXIM-MAX20754EVKIT Datasheet
2Mb / 25P
12V DC power supply capable of delivering 250W at the desired input voltage
2019
MAX20754EVKIT6 MAXIM-MAX20754EVKIT6 Datasheet
2Mb / 25P
12V DC power supply capable of delivering 250W at the desired input voltage
2019
More results

Similar Description - MAX20751

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
ON Semiconductor
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Infineon Technologies A...
IR38060 INFINEON-IR38060_16 Datasheet
3Mb / 66P
6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.5 Feb 11, 2016
IR38063 INFINEON-IR38063 Datasheet
4Mb / 68P
25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38062 INFINEON-IR38062 Datasheet
4Mb / 68P
15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38062 INFINEON-IR38062_18 Datasheet
3Mb / 72P
15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com