| Electronic Components Datasheet Search |
|
MAX20360 Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX20360 Datasheet(HTML) 4 Page - Maxim Integrated Products |
|
4 / 35 page ![]() Maxim Integrated │ 4 www.maximintegrated.com Evaluates: MAX20360 MAX20360 Evaluation Kit Detailed Description of Software Software Startup Upon starting the program, the EV kit software automati- cally searches for the USB interface circuit and then for the IC device addresses. The EV kit enters the normal operating mode when the connection is established and addresses are found. If the USB connection is not detect- ed, the status bar displays Not Connected. If the USB connection is detected, but the MAX20360 is not found, the status bar shows MAX20360 Not Found. ToolStrip Menu Bar The ToolStrip menu bar (Figure 3) is located at the top of the GUI window. This bar comprises File, Device, Options, and Help menus; each function is detailed in the following sections. File Menu The File menu contains the option to exit out of the GUI program. Device Menu The Device menu provides the ability to connect or disconnect the EV kit to the GUI. The Advanced → I2C Read/Write menu allows to read from or write to a select- ed register with a specified slave address. The Advanced → Use USB2PMB2# option should be checked if using with the USB2PMB2# adapter board. Options Menu The Options menu provides several settings to access additional features offered by the GUI. The Disable Polling option allows registers to be read manually instead of receiving automatic frequent register updates from the IC. The Lock/Unlock option allows for the lock or unlock of the charger, bucks, boost, buck-boost, and LDOs through I2C. The Use Fletcher-16 Checksum is checked by default. The EV kit IC has the checksum enabled (i2c_crc_ena = enabled). Uncheck the Use Fletcher-16 Checksum if evaluating an IC with check- sum option disabled. Help Menu The Help menu contains the About option, which dis- plays the GUI splash screen indicative of the GUI version being used. Figure 3. The ToolStrip Menu Items |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |