Electronic Components Datasheet Search
  English  ▼

X  

ICS83948AYILFT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS83948AYILFT
Description  LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83948AYILFT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS83948AYILFT Datasheet HTML 1Page - Integrated Circuit Systems ICS83948AYILFT Datasheet HTML 2Page - Integrated Circuit Systems ICS83948AYILFT Datasheet HTML 3Page - Integrated Circuit Systems ICS83948AYILFT Datasheet HTML 4Page - Integrated Circuit Systems ICS83948AYILFT Datasheet HTML 5Page - Integrated Circuit Systems ICS83948AYILFT Datasheet HTML 6Page - Integrated Circuit Systems ICS83948AYILFT Datasheet HTML 7Page - Integrated Circuit Systems ICS83948AYILFT Datasheet HTML 8Page - Integrated Circuit Systems ICS83948AYILFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
83948AYI
www.icst.com/products/hiperclocks.html
REV. C DECEMBER 15, 2005
2
Integrated
Circuit
Systems, Inc.
ICS83948I
LOW SKEW, 1-TO-12
DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. CLOCK SELECT FUNCTION TABLE
TABLE 3B. CLOCK INPUT FUNCTION TABLE
t
u
p
n
I
l
o
r
t
n
o
Ck
c
o
l
C
L
E
S
_
K
L
CK
L
C
n
,
K
L
CK
L
C
_
S
O
M
C
V
L
0d
e
t
c
e
l
e
Sd
e
t
c
e
l
e
s
-
e
D
1d
e
t
c
e
l
e
s
-
e
Dd
e
t
c
e
l
e
S
s
t
u
p
n
Is
t
u
p
t
u
O
e
d
o
M
t
u
p
t
u
O
o
t
t
u
p
n
Iy
t
i
r
a
l
o
P
L
E
S
_
K
L
CK
L
C
_
S
O
M
C
V
LK
L
CK
L
C
n2
1
Q
:
0
Q
0—
0
1
W
O
Ld
e
d
n
E
e
l
g
n
i
S
o
t
l
a
i
t
n
e
r
e
f
f
i
Dg
n
i
t
r
e
v
n
I
n
o
N
0—
1
0
H
G
I
Hd
e
d
n
E
e
l
g
n
i
S
o
t
l
a
i
t
n
e
r
e
f
f
i
Dg
n
i
t
r
e
v
n
I
n
o
N
0—
0
1
E
T
O
N
;
d
e
s
a
i
BW
O
Ld
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
0—
1
1
E
T
O
N
;
d
e
s
a
i
BH
G
I
Hd
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
0—
1
E
T
O
N
;
d
e
s
a
i
B0
H
G
I
Hd
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
0—
1
E
T
O
N
;
d
e
s
a
i
B1
W
O
Ld
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
10
—
—
W
O
Ld
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
11
—
—
H
G
I
Hd
e
d
n
E
e
l
g
n
i
S
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
.
"
s
l
e
v
e
L
d
e
d
n
E
e
l
g
n
i
S
t
p
e
c
c
A
o
t
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D
e
h
t
g
n
i
r
i
W
"
,
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
il
p
p
A
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
1
E
T
O
N
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1L
E
S
_
K
L
Ct
u
p
n
Ip
u
ll
u
P
t
u
p
n
i
k
c
o
l
c
S
O
M
C
V
L
s
t
c
e
l
e
S
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
W
O
L
n
e
h
w
s
t
u
p
n
i
K
L
C
n
,
K
L
C
s
t
c
e
l
e
S
.
H
G
I
H
n
e
h
w
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2K
L
C
_
S
O
M
C
V
Lt
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
k
c
o
l
C
3K
L
Ct
u
p
n
Ip
u
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
4K
L
C
nt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
5N
E
_
K
L
Ct
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
l
b
a
n
e
k
c
o
l
C
6E
Ot
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
l
b
a
n
e
t
u
p
t
u
O
7V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
,
6
1
,
2
1
,
8
2
3
,
8
2
,
4
2
,
0
2
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
,
5
1
,
3
1
,
1
1
,
9
3
2
,
1
2
,
9
1
,
7
1
1
3
,
9
2
,
7
2
,
5
2
,
8
Q
,
9
Q
,
0
1
Q
,
1
1
Q
,
4
Q
,
5
Q
,
6
Q
,
7
Q
0
Q
,
1
Q
,
2
Q
,
3
Q
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
k
c
o
l
C
0
3
,
6
2
,
2
2
,
8
1
,
4
1
,
0
1V
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
5
2F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com