Electronic Components Datasheet Search
  English  ▼

X  

MAX20337 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20337
Description  SMA and 3.5mm Audio Jack Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20337 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20337 Datasheet HTML 1Page - Maxim Integrated Products MAX20337 Datasheet HTML 2Page - Maxim Integrated Products MAX20337 Datasheet HTML 3Page - Maxim Integrated Products MAX20337 Datasheet HTML 4Page - Maxim Integrated Products MAX20337 Datasheet HTML 5Page - Maxim Integrated Products MAX20337 Datasheet HTML 6Page - Maxim Integrated Products MAX20337 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Evaluates: MAX20337
MAX20337 Evaluation Kit
General Description
The MAX20337 evaluation kit (EV kit) is a fully assembled
and tested circuit board that evaluates the MAX20337
beyond-the-rails SPDT analog switches. The EV kit
comes with the MAX20337ENT+ installed.
The EV kit features evaluation of the analog switches
through audio jack inputs and outputs, as well as SMA
connectors for AC characteristics. Input power to the EV
kit is provided by a Micro-USB, type-B connector, or an
external power supply.
Features
● USB Power Option
● SMA and 3.5mm Audio Jack Connectors
• Directly Evaluate AC Characteristics Through SMA
Connectors
• Quickly Evaluate Audio Performance with 3.5mm
Audio Jack Connectors
● Proven PCB Layout
● Fully Assembled and Tested
EV Kit Contents
● EV Kit Board containing a MAX20337
319-100649; Rev 1; 1/21
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
● MAX20337 EV kit
● USB Cable or Power Supply
● Audio source (e.g., MP3 player, computer, etc.)
● External speakers or headphones with 3.5mm audio
jack
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Connect a USB cable to J1 or power VB (TP1) with
5V power supply.
2) Verify that jumper JU4 has a shunt installed short-
ing pins 2–3. This shorts the control bit (CB) on the
devices to ground, electrically connecting NC1 to
COM1 and NC2 to COM2.
3) J2 is now connected to J3. Connect an audio source
to the normally closed audio jack J2, using a male-to-
male 3.5mm audio cable.
4) Connect external speakers or headphones to the
common audio jack J3.
5) When the audio source outputs the audio signal and
JU4 has a shunt shorting pins 2-3, the audio signal
should be heard on the speakers or headphones con-
nected at J3.
6) Move the shunt on JU4 from pins 2–3 to pins 1–2.
Now CB is high, and J4 is connected to J3. The audio
signal should no longer be heard on the speakers or
headphones connected at J3.
7) If the audio source connection moves from the
normally closed audio jack (J2) to the normally open
audio jack (J4), the audio signal on the common audio
jack (J3) is heard on the speakers or headphones.
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX20337

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20337 MAXIM-MAX20337 Datasheet
1,002Kb / 7P
Evaluation Kit
Rev 1; 1/21
MAX20337AEFT+ MAXIM-MAX20337AEFT+ Datasheet
523Kb / 16P
Ultra-Small, Low-RON, Beyond-the-Rails DPST/SPDT Analog Switches
2021
MAX20337AEFT+T MAXIM-MAX20337AEFT+T Datasheet
523Kb / 16P
Ultra-Small, Low-RON, Beyond-the-Rails DPST/SPDT Analog Switches
2021
MAX20337ENT+ MAXIM-MAX20337ENT+ Datasheet
523Kb / 16P
Ultra-Small, Low-RON, Beyond-the-Rails DPST/SPDT Analog Switches
2021
MAX20337ENT+T MAXIM-MAX20337ENT+T Datasheet
523Kb / 16P
Ultra-Small, Low-RON, Beyond-the-Rails DPST/SPDT Analog Switches
2021
More results

Similar Description - MAX20337

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-3525NG CUI-SJ-3525NG Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3553NG CUI-SJ-3553NG Datasheet
36Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
logo
Maxim Integrated Produc...
MAX20327EVKIT MAXIM-MAX20327EVKIT Datasheet
862Kb / 9P
SMA and 3.5mm Audio Jack Connectors
Rev 0; 8/18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com