Electronic Components Datasheet Search
  English  ▼

X  

ICS84324 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS84324
Description  CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84324 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS84324 Datasheet HTML 4Page - Integrated Circuit Systems ICS84324 Datasheet HTML 5Page - Integrated Circuit Systems ICS84324 Datasheet HTML 6Page - Integrated Circuit Systems ICS84324 Datasheet HTML 7Page - Integrated Circuit Systems ICS84324 Datasheet HTML 8Page - Integrated Circuit Systems ICS84324 Datasheet HTML 9Page - Integrated Circuit Systems ICS84324 Datasheet HTML 10Page - Integrated Circuit Systems ICS84324 Datasheet HTML 11Page - Integrated Circuit Systems ICS84324 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
84324EM
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 18, 2003
8
Integrated
Circuit
Systems, Inc.
ICS84324
CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PRELIMINARY
CRYSTAL INPUT INTERFACE
A crystal can be characterized for either series or parallel mode
operation. The ICS84324 has a built-in crystal oscillator circuit.
This interface can accept either a series or parallel crystal without
additional components and generate frequencies with accuracy
Figure 4. CRYSTAL INPUt INTERFACE
suitable for most applications. Additional accuracy can be
achieved by adding two small capacitors C1 and C2 as shown in
Figure 4.
C2
22pF
C1
18pF
25MHz
X1
ICS84324
19
20
XTAL2
XTAL1
SCHEMATIC EXAMPLE
Figure 5A shows a schematic example of using an ICS84324. In
this example, the input is a 25MHz parallel resonant crystal with
load capacitor CL=18pF. The frequency fine tuning capacitors
C1 and C2 is 22pF and 18pF respectively. This example also
shows logic control input handling. The configuration is set at
F_SEL[1:0]=11 therefore the output frequency is 125MHz. It is
recommended to have one decouple capacitor per power pin.
Each decoupling capacitor should be located as close as pos-
sible to the power pin. The low pass filter R7, C11 and C16 for
clean analog supply should also be located as close to the V
CCA
pin as possible.
FIGURE 5A. ICS84324 SCHEMATIC EXAMPLE
RU2
1K
F_SEL1
C16
10u
F_SEL1
R2
50
(U1,13)
Zo = 50
C2
18p
C1
22p
Zo = 50
C11
0.1u
VCC=3.3V
R7
24
e.g. F_SEL[1:0]=11
VCCA
RD2
SP
C3
0.1u
VCC
R5
1K
C6
0.1u
F_SEL0
X1
25MHz,18pF
R4
1K
F_SEL0
VCC
C5
0.1u
RU3
1K
R3
50
SP = Spare, Not Installed
VCC
U2
ICS84324
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
VCCO
VEE
PLL_SEL
VCC
VCCA
VEE
XTAL2
XTAL1
MR
F_SEL1
F_SEL0
VCCO
(U1,16)
(U1,24)
+
-
R1
50
VCC
VCC
RD3
SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com