Electronic Components Datasheet Search
  English  ▼

X  

MAX20331 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20331
Description  3.5mm Jack Audio Line Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20331 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20331 Datasheet HTML 1Page - Maxim Integrated Products MAX20331 Datasheet HTML 2Page - Maxim Integrated Products MAX20331 Datasheet HTML 3Page - Maxim Integrated Products MAX20331 Datasheet HTML 4Page - Maxim Integrated Products MAX20331 Datasheet HTML 5Page - Maxim Integrated Products MAX20331 Datasheet HTML 6Page - Maxim Integrated Products MAX20331 Datasheet HTML 7Page - Maxim Integrated Products MAX20331 Datasheet HTML 8Page - Maxim Integrated Products MAX20331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Evaluates: MAX20331/MAX20331A
MAX20331 Evaluation Kit
General Description
The MAX20331 evaluation kit (EV kit) is a fully assembled
and tested circuit board that demonstrates the MAX20331
high-voltage OVP on audio line device. The EV kit comes
with the MAX20331EWL+ installed. The MAX20331 EV
kit can also be used to evaluate MAX20331A.
Features
● 3.5mm Jack Audio Line Protection
● Proven PCB Layout
● Fully Assembled and Tested
EV Kit Contents
● EV kit board containing a MAX20331
319-100226; Rev 1; 2/19
Quick Start
Required Equipment
●
● MAX20331 EV kit
●
● Two Power Supplies
●
● Multimeter
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Connect a 3V supply on TP15 and verify LED1
is on.
2) Connect a 1V supply on COM1 and verify NC1
is now 1V.
3) Increase voltage on COM1. NC1 voltage should
go down to 0V when COM1 voltage reaches
about 3.45V.
4) Decrease COM1 voltage. NC1 voltage again fol-
lows COM1 voltage.
5) Set COM1 voltage to -1V and verify NC1 voltage
is -1V.
6) Decrease COM1 voltage and verify NC1 voltage
goes up to 0V when COM1 voltage reaches
about -3.45V.
7) Remove power supply from COM1, connect 1V
supply on COM2, and verify NC2 is now 1V.
8) Increase voltage on COM2. NC2 voltage goes
down to 0V when COM2 voltage reaches about
3.45V.
9) Decrease COM2 voltage. NC2 voltage again fol-
lows COM2 voltage.
10) Set COM2 voltage to -1V and verify NC2 voltage
is -1V.
11) Decrease COM2 voltage and verify NC2 voltage
goes up to 0V when COM2 voltage reaches
about -3.45V.
Detailed Description
The MAX20331 EV kit is a fully assembled and tested
circuit board demonstrating the MAX20331 audio line
overvoltage protector in a 9-bump wafer-level package
(WLP). The MAX20331 has overvoltage threshold ±3.45V.
VCC Power Supply
The VCC can be connected from USB power supply
source or externally supplied from TP15.
*Default position.
#Denotes RoHS compliant.
Table 1. VCC Jumper Setting
JUMPER
SHUNT
POSITION
DESCRIPTION
JU1
1-2*
VCC is connected to VEXT TP15
2-3
VCC is connected to LDO Output
PART
TYPE
MAX20331EVKIT#
EVKIT
Ordering Information
Click
here for production status of specific part numbers.


Similar Part No. - MAX20331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20330 MAXIM-MAX20330 Datasheet
729Kb / 7P
Fully Assembled and Tested
Rev 0; 1/18
MAX20330A MAXIM-MAX20330A Datasheet
766Kb / 9P
USB or 3.5mm Jack ID Detection
Rev 1; 2/19
MAX20330A MAXIM-MAX20330A Datasheet
699Kb / 21P
Precision HV Capable ID Detector
19-100293; Rev 1; 6/18
MAX20330AEVKIT MAXIM-MAX20330AEVKIT Datasheet
766Kb / 9P
USB or 3.5mm Jack ID Detection
Rev 1; 2/19
MAX20330AEVKIT# MAXIM-MAX20330AEVKIT# Datasheet
766Kb / 9P
USB or 3.5mm Jack ID Detection
Rev 1; 2/19
More results

Similar Description - MAX20331

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-3525N CUI-SJ-3525N Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3525NG CUI-SJ-3525NG Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3553NG CUI-SJ-3553NG Datasheet
36Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com