Electronic Components Datasheet Search
  English  ▼

X  

SPLUL90AT08 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLUL90AT08
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLUL90AT08 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLUL90AT08 Datasheet HTML 1Page - OSRAM GmbH SPLUL90AT08 Datasheet HTML 2Page - OSRAM GmbH SPLUL90AT08 Datasheet HTML 3Page - OSRAM GmbH SPLUL90AT08 Datasheet HTML 4Page - OSRAM GmbH SPLUL90AT08 Datasheet HTML 5Page - OSRAM GmbH SPLUL90AT08 Datasheet HTML 6Page - OSRAM GmbH SPLUL90AT08 Datasheet HTML 7Page - OSRAM GmbH SPLUL90AT08 Datasheet HTML 8Page - OSRAM GmbH SPLUL90AT08 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SPL UL90AT08
3 Version 1.3 | 2019-07-03
Characteristics
I
F = 40 A; tp = 100 ns; D = 0.01 %; TS = 25 °C
Parameter
Symbol
Values
Number of emitters
n
3
Operating voltage
V
op
typ.
11 V
Peak wavelength
λ
peak
min.
typ.
max.
895 nm
905 nm
915 nm
Spectral bandwidth at 50% I
rel,max (FWHM)
∆λ
typ.
7 nm
Peak output power
P
opt
typ.
125 W
Beam divergence (FWHM) parallel to pn-junction
Θ
‖
typ.
10 °
Beam divergence (FWHM) perpendicular to pn-junction
Θ
┴
typ.
25 °
Threshold current
I
th
typ.
0.6 A
Laser aperture (FWHM) parallel to pn-junction
W
||
typ.
220 µm
Laser aperture (FWHM) perpendicular to pn-junction
W
┴
typ.
10 µm
Thermal resistance junction solder point real 2)
R
thJS
typ.
25 K / W
Relative Spectral Emission 3), 4)
I
rel = f (ʎ); IF = 40A; Popt = 125W; tp = 100ns; D = 0.01%
880
0
λ
OHF00565
0.25
0.50
0.75
1.00
Ιrel
nm
890
900
910
930



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com