Electronic Components Datasheet Search
  English  ▼

X  

MAX20078 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20078
Description  Proven PCB Layout and Thermal Design
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20078 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20078 Datasheet HTML 1Page - Maxim Integrated Products MAX20078 Datasheet HTML 2Page - Maxim Integrated Products MAX20078 Datasheet HTML 3Page - Maxim Integrated Products MAX20078 Datasheet HTML 4Page - Maxim Integrated Products MAX20078 Datasheet HTML 5Page - Maxim Integrated Products MAX20078 Datasheet HTML 6Page - Maxim Integrated Products MAX20078 Datasheet HTML 7Page - Maxim Integrated Products MAX20078 Datasheet HTML 8Page - Maxim Integrated Products MAX20078 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX20078
MAX20078 Evaluation Kit
MAX20078 EV Kit Bill of Materials
DESIGNATION
QTY
DESCRIPTION
C1
1
0.1uF ±10%, 250V X7R ceramic capacitors (1210)
Murata GRM32DR72E104KW01L
C2
1
2.2uF ±10%, 10V X7R ceramic capacitor (0603)
C3
1
470pF ±5%, 50V C0G ceramic capacitor (0603)
AVX 06035A471JAT2A
C4
1
0.22uF ±10%, 50V X7R ceramic capacitors (0603)
TDK C1608X7R1H224K080
C5
1
0.1uF ±10%, 100V X7R ceramic capacitors (0805)
C6, C10
2
1.0uF ±10%, 10V X7R ceramic capacitor (0603)
C7
1
2200pF ±10%, 50V X7R ceramic capacitors (0603)
C8, C19
2
2.2uF ±10%, 100V X7R ceramic capacitors (1210)
Murata GRM32ER72A225KA35
TDK CGA6N3X7R2A225K230
C9, C18
2
0.1uF ±10%, 50V X7R ceramic capacitors (0603)
C11, C12, C13, C14, C15
0
Not installed capacitor (0603)
C17
1
1.0uF ±10%, 100V X7R ceramic capacitor (1206)
Murata GRM31CR72A105KA01
TDK C3216X7R2A105K160
D1
1
80V, 1A schottky diode (SMA)
Diodes Inc. B180-13-F
D2
1
100V, 1A schottky diode (DO-214)
Micro Commercial Components SS110-TP
D3
75V, 0.3A Diode (SOD-323)
Diodes Inc 1N4148WS-7-F
J1, JU3
2
3 pin header
JU1, JU2, JU4
3
2 pin header
L1
1
47 uH, 5.4A ferrite core inductor
Coilcraft MSS1278T-473ML
Q1, Q2
2
80V, 0.107 ohm Logic Level MOSFET (LFPAK)
NXP BUK9Y107-80E
Q3
1
60V, 4A N-channel Logic Level MOSFET (SOT-223)
Fairchild Semiconductor NDT3055L
R1
1
47.5k ±1% resistor (0603)
R2, R3
2
4.7ohm ±5% resistor (0603)
R4
1
0.1 ±1% sense resistor (1206)
Panasonic ERJ8BWFR100
R5
1
453k ±1% resistor (0603)
R6
1
24.9k ±1% resistor (0603)
R7, R9, R10, R12
4
10k ±1% resistor (0603)
R8
1
10k potentiometer, through hole radial lead
Bourns 3296W-1-103LF
R11
1
1.0 ohm ±1% resistor (0603)
R13
1
100 ohm ±5% resistor (0603)
R14, R15
0
Not installed resistor (0603)
R16, R17, R18
3
0ohm jumper (0603)
U1
1
Synchronous Buck Controller for High-Power HB LED Drivers (TQFN16-EP)
Maxim MAX20078ATE/V+
U3
1
7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers (SOT23-6)
Maxim MAX15070AAUT/V+
—
5
Shunts
—
1
PCB: MAX20078 EVKIT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com