Electronic Components Datasheet Search
  English  ▼

X  

TQP9113 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # TQP9113
Description  1 W Linear Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQP9113 Datasheet(HTML) 3 Page - Qorvo, Inc

  TQP9113 Datasheet HTML 1Page - Qorvo, Inc TQP9113 Datasheet HTML 2Page - Qorvo, Inc TQP9113 Datasheet HTML 3Page - Qorvo, Inc TQP9113 Datasheet HTML 4Page - Qorvo, Inc TQP9113 Datasheet HTML 5Page - Qorvo, Inc TQP9113 Datasheet HTML 6Page - Qorvo, Inc TQP9113 Datasheet HTML 7Page - Qorvo, Inc TQP9113 Datasheet HTML 8Page - Qorvo, Inc TQP9113 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TQP9113
1 W Linear Amplifier
Datasheet Rev. J, November 1, 2019 | Subject to change without notice
3 of 15
www.qorvo.com
®
S-Parameters
Test Conditions: VCC
 = VPD = +5 V, ICQ = 215 mA, Temp. = +25 °C, unmatched 50 Ω system, calibrated to device leads
Freq (GHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
0.1
-0.7
175
-59.9
-133
-64.4
-170
-2.6
-173
0.2
-0.7
171
-34.4
-150
-68.6
78
-2.1
-177
0.3
-0.8
166
-24.8
-147
-57.9
122
-1.9
-180
0.4
-0.8
160
-17.9
-151
-73.6
-80
-2.0
179
0.5
-1.0
156
-12.1
-159
-56.4
-49
-2.2
178
0.6
-1.0
149
-7.1
-164
-63.4
-43
-2.3
177
0.7
-1.1
143
-2.3
-173
-52.0
167
-2.5
175
0.8
-1.2
135
2.1
177
-50.7
62
-2.7
175
0.9
-1.3
126
6.3
165
-52.4
54
-3.2
173
1
-1.6
117
10.4
149
-61.0
53
-3.7
172
1.1
-2.0
104
14.3
127
-63.1
160
-4.3
172
1.2
-2.8
94
15.8
99
-60.3
97
-4.7
171
1.3
-3.2
79
18.6
95
-60.8
-144
-5.7
171
1.4
-4.9
60
22.4
69
-65.7
108
-6.3
178
1.5
-7.9
49
24.4
39
-55.5
137
-6.2
-177
1.6
-10.7
50
25.3
10
-50.3
124
-5.8
-175
1.7
-11.6
55
25.6
-15
-48.6
94
-5.3
-175
1.8
-11.7
50
25.8
-37
-51.8
86
-5.1
-175
1.9
-11.7
39
25.9
-57
-48.6
59
-5.2
-174
2
-12.1
22
26.0
-77
-48.6
54
-4.9
-174
2.1
-12.6
0
26.0
-97
-50.7
64
-4.8
-173
2.2
-13.1
-27
25.9
-118
-52.6
29
-4.5
-171
2.3
-13.0
-54
25.6
-138
-51.6
29
-3.8
-170
2.4
-12.4
-79
25.1
-158
-51.3
-12
-3.3
-170
2.5
-11.7
-95
24.3
-178
-56.0
-31
-2.7
-171
2.6
-11.2
-106
23.3
163
-60.6
7
-2.2
-171
2.7
-10.5
-113
22.1
144
-58.0
-113
-1.7
-174
2.8
-9.9
-115
20.7
126
-63.8
89
-1.5
-175
2.9
-9.1
-116
19.0
110
-53.0
138
-1.3
-176
3
-8.2
-117
17.2
94
-55.3
112
-1.3
-177
3.2
-6.8
-120
12.8
65
-50.9
88
-1.1
-178
3.4
-5.9
-116
3.6
54
-58.9
-133
-1.0
-179
3.6
-3.5
-117
7.8
82
-57.0
178
-1.6
179
3.8
-3.2
-123
6.7
51
-46.7
134
-2.3
-177
4
-3.3
-125
4.4
32
-49.3
154
-2.7
-176
Notes:
1.
Pins 6, 8, 16, 18, 20 are loaded as shown in the PCB2140 design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com