Electronic Components Datasheet Search
  English  ▼

X  

ICS840004-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS840004-01
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840004-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS840004-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS840004-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS840004-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS840004-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS840004-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS840004-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS840004-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS840004-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS840004-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
840004AG-01
www.icst.com/products/hiperclocks.html
REV. B JANUARY 3, 2006
1
ICS840004-01
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS840004-01 is a 4 output LVCMOS/LVTTL
Synthesizer optimized to generate Ethernet
reference clock frequencies and is a member of
the HiPerClocksTM family of high performance
clock solutions from ICS. Using a 25MHz, 18pF
parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL1:0):
156.25MHz, 125MHz, and 62.5MHz. The ICS840004-01 uses
ICS’ 3rd generation low phase noise VCO technology and can
achieve 1ps or lower typical random rms phase jitter, easily
meeting Ethernet jitter requirements. The ICS840004-01 is
packaged in a small 20-pin TSSOP package.
HiPerClockS™
ICS
BLOCK DIAGRAM
FEATURES
• Four LVCMOS/LVTTL outputs,
15
Ω typical output impedance
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Output frequency Range: 56MHz - 175MHz
• VCO Range: 560MHz - 700MHz
• RMS phase jitter at 156.25MHz (1.875MHz - 20MHz):
0.52ps (typical) design target
Phase noise:
Offset
Noise Power
100Hz ............... -94.9 dBc/Hz
1kHz ............. -119.6 dBc/Hz
10kHz ............. -128.9 dBc/Hz
100kHz ............. -129.2 dBc/Hz
• Full 3.3V or 3.3V core/2.5V output supply mode
• 0°C to 70°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
Q0
Q1
Q2
Q3
OE
F_SEL1:0
nPLL_SEL
nXTAL_SEL
XTAL_IN
XTAL_OUT
TEST_CLK
MR
OSC
Phase
Detector
VCO
M = ÷25 (fixed)
F_SEL1:0
0 0 ÷4
0 1 ÷5
1 0 ÷10
1 1 ÷5
0
1
1
0
2
N
25MHz
Pullup
Pulldown
Pulldown
Pulldown
Pullup:Pullup
Pulldown
FREQUENCY SELECT FUNCTION TABLE FOR ETHERNET FREQUENCIES
PIN ASSIGNMENT
ICS840004-01
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
package body
G Package
Top View
F_SEL0
nc
nXTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
nc
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
F_SEL1
GND
Q0
Q1
VDDO
Q2
Q3
GND
XTAL_IN
XTAL_OUT
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on
initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications
without notice.
s
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
.
f
e
R
z
H
M
5
2
(
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
N
/
M
e
u
l
a
V
o
i
t
a
R
00
5
24
5
2
.
65
2
.
6
5
1
01
5
25
5
5
2
1
10
5
20
15
.
25
.
2
6
11
5
25
5
5
2
1


Similar Part No. - ICS840004-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS840004-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A SEPTEMBER 16, 2004
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JUNE 28, 2005
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
logo
Integrated Device Techn...
ICS840002I-01 IDT-ICS840002I-01 Datasheet
264Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com