Electronic Components Datasheet Search
  English  ▼

X  

AMMC-6345 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # AMMC-6345
Description  20 - 45 GHz Driver Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AMMC-6345 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  AMMC-6345 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AMMC-6345 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AMMC-6345 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AMMC-6345 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AMMC-6345 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AMMC-6345 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AMMC-6345 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AMMC-6345 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AMMC-6345 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
AMMC-6345 Typical Performances (TA = 25°C, Vd =5.0 V, ID = 480 mA, Zin = Zout = 50
Ω
Ω
Ω
Ω
Ω)
NOTE: These measurements are in a 50
Ω test environment. Aspects of the amplifier performance may be improved over
a more narrow bandwidth by application of additional conjugate, linearity, or power matching.
Figure 1. Typical Gain and Reverse Isolation at
Vd= 3V, 4V, and 5V
Figure 2. Typical Return Loss (Input and
Output) at Vd= 3V, 4V, and 5V
Figure 3. Typical Output Power (@P-1dB) and
PAE at Vd= 3V, 4V, and 5V
Figure 4. Typical Noise Figure
Figure 5. Typical Output 3rd Order Intercept Pt.
Figure 6. Typical Output Power, PAE, and Total
Drain Current versus Input Power at30GHz
Figure 7. Typical S11 over temperature
Figure 8. Typical S22 over temperature
Figure 9. Typical Gain over temperature
0
5
10
15
20
25
30
15
20
25
30
35
40
45
50
Frequency [GHz]
-50
-45
-40
-35
-30
-25
-20
Vd=3V
Vd=5V
Isolation
-30
-25
-20
-15
-10
-5
0
15
20
25
30
35
40
45
50
Frequency [GHz]
10
15
20
25
30
15
20
25
30
35
40
45
50
Frequency [GHz]
P-1(5V)
P-1(4V)
P-1(3V)
0
2
4
6
8
10
12
15
20
25
30
35
40
45
Frequency [GHz]
0
5
10
15
20
25
30
-20
-10
0
10
20
Pin [dBm]
100
200
300
400
500
600
700
Pout
PAE
Id
20
22
24
26
28
30
32
34
36
38
40
15
20
25
30
35
40
45
Frequency [GHz]
-25
-20
-15
-10
-5
0
15
20
25
30
35
40
45
50
Frequency[GHz]
S11_20
S11_-40
S11_85
-25
-20
-15
-10
-5
0
15
20
25
30
35
40
Frequency [GHz]
S22_20
S22_-40
S22_85
5
10
15
20
25
30
15
20
25
30
35
40
45
50
Frequency[GHz]
S21_20
S21_-40
S21_85



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com