Electronic Components Datasheet Search
  English  ▼

X  

ICS840014I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS840014I
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840014I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS840014I Datasheet HTML 1Page - Integrated Circuit Systems ICS840014I Datasheet HTML 2Page - Integrated Circuit Systems ICS840014I Datasheet HTML 3Page - Integrated Circuit Systems ICS840014I Datasheet HTML 4Page - Integrated Circuit Systems ICS840014I Datasheet HTML 5Page - Integrated Circuit Systems ICS840014I Datasheet HTML 6Page - Integrated Circuit Systems ICS840014I Datasheet HTML 7Page - Integrated Circuit Systems ICS840014I Datasheet HTML 8Page - Integrated Circuit Systems ICS840014I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated
Circuit
Systems, Inc.
840014AGI
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 23, 2004
1
ICS840014I
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS840014I is a 4 output LVCMOS/LVTTL
Synthesizer optimized to generate Fibre Channel
reference clock frequencies and is a member of
the HiPerClocksTM family of high performance
clock solutions from ICS. This device uses a
26.5625MHz, 18pF parallel resonant crystal to synthesize
106.25MHz. Using FemtoClock’sTM ultra-low phase noise VCO
technology, the ICS840014I can achieve 1ps or lower typical
random rms phase jitter, easily meeting Fibre Channel jitter
requirements. The ICS840014I is packaged in a small 20-pin
TSSOP package.
HiPerClockS™
ICS
BLOCK DIAGRAM
FEATURES
• Four LVCMOS/LVTTL outputs, 15
Ω typical output impedance
• Selectable crystal oscillator interface
or LVCMOS single-ended input
• Output frequency: 106.25MHz or 53.125MHz
• RMS phase jitter @ 106.25MHz (637KHz - 5MHz):
0.72ps (typical)
• Output supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• -40°C to 85°C ambient operating temperature
Q0
Q1
Q2
Q3
OE
F_SEL
nPLL_SEL
nXTAL_SEL
XTAL_IN
XTAL_OUT
TEST_CLK
MR
OSC
Phase
Detector
VCO
M = ÷24 (fixed)
F_SEL
0 ÷6
1 ÷12
0
1
1
0
26.5625MHz
Pulldown
Pulldown
Pulldown
Pullup
Pulldown
PIN ASSIGNMENT
ICS840014I
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
package body
G Package
Top View
F_SEL
nc
nXTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
nc
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
nc
GND
Q0
Q1
VDDO
Q2
Q3
GND
XTAL_IN
XTAL_OUT
Pullup
FREQUENCY SELECT FUNCTION TABLE
s
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
e
g
n
a
R
t
u
p
n
I
y
c
n
e
u
q
e
r
F
1
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
N
/
M
e
u
l
a
V
o
i
t
a
R
5
2
6
5
.
6
20
4
26
4
5
2
.
6
0
1
5
2
6
5
.
6
21
4
22
12
5
2
1
.
3
5
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS840014I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840011 ICST-ICS840011 Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
ICS840011AG ICST-ICS840011AG Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
ICS840011AGLN ICST-ICS840011AGLN Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
ICS840011AGLNT ICST-ICS840011AGLNT Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
ICS840011AGT ICST-ICS840011AGT Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
More results

Similar Description - ICS840014I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840004 ICST-ICS840004 Datasheet
310Kb / 13P
FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A SEPTEMBER 16, 2004
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JUNE 28, 2005
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
logo
Integrated Device Techn...
ICS840002I-01 IDT-ICS840002I-01 Datasheet
264Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com