Electronic Components Datasheet Search
  English  ▼

X  

ICS85211AMI Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS85211AMI
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85211AMI Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS85211AMI Datasheet HTML 2Page - Integrated Circuit Systems ICS85211AMI Datasheet HTML 3Page - Integrated Circuit Systems ICS85211AMI Datasheet HTML 4Page - Integrated Circuit Systems ICS85211AMI Datasheet HTML 5Page - Integrated Circuit Systems ICS85211AMI Datasheet HTML 6Page - Integrated Circuit Systems ICS85211AMI Datasheet HTML 7Page - Integrated Circuit Systems ICS85211AMI Datasheet HTML 8Page - Integrated Circuit Systems ICS85211AMI Datasheet HTML 9Page - Integrated Circuit Systems ICS85211AMI Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
85211AMI
www.icst.com/products/hiperclocks.html
REV. B ARPIL 8, 2003
6
Integrated
Circuit
Systems, Inc.
ICS85211I
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
CLOCK INPUT INTERFACE
The CLK /nCLK accepts differential input signals of both V
SWING
and V
OH to meet the VPP and VCMR input requirements. Figures 3 to
6 show interface examples for the ICS85211I clock input driven
by most common driver types. The input interfaces suggested
here are examples only. Please consult with the vendor of the
FIGURE 3. ICS85211I CLK/NCLK INPUT DRIVEN BY
HIPERCLOCKS LVHSTL DRIVER
1.8V
R2
50
Input
LVHSTL Driver
ICS
HiPerClockS
R1
50
LVHSTL
3.3V
Zo = 50 Ohm
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
driver components to confirm the driver termination requirement.
For example in
Figure 3, the input termination applies for ICS
HiPerClockS LVHSTL drivers. If you are using an LVHSTL driver
from another vendor, use their termination recommendation.
FIGURE 4. ICS85211I CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER (INTERFACE 1)
FIGURE 5. ICS85211I CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER (INTERFACE 2)
3.3V
R1
50
R3
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
3.3V
Input
R2
50
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
FIGURE 6. ICS85211I CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER WITH AC COUPLE
R3
125
LVPECL
R1
84
C1
R2
84
HiPerClockS
CLK
nCLK
R5,R6 loc ate near the driv er pin.
Zo = 50 Ohm
3.3V
3.3V
C2
R4
125
R6
100-200
Zo = 50 Ohm
R5
100-200
3.3V
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com