Electronic Components Datasheet Search
  English  ▼

X  

MAX32010 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX32010
Description  Easy Evaluation of the MAX32010 EV kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32010 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX32010 Datasheet HTML 1Page - Maxim Integrated Products MAX32010 Datasheet HTML 2Page - Maxim Integrated Products MAX32010 Datasheet HTML 3Page - Maxim Integrated Products MAX32010 Datasheet HTML 4Page - Maxim Integrated Products MAX32010 Datasheet HTML 5Page - Maxim Integrated Products MAX32010 Datasheet HTML 6Page - Maxim Integrated Products MAX32010 Datasheet HTML 7Page - Maxim Integrated Products MAX32010 Datasheet HTML 8Page - Maxim Integrated Products MAX32010 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MAX32010 Evaluation Kit
Evaluates: MAX32010
www.maximintegrated.com
Maxim Integrated | 4
1)
MAX32010 Settings: The MAX32010 can be quickly configured through control register settings. An 18-bit word
programs the MAX32010.
The Measurement Mode group box is a quick way to set the MAX32010 to force voltage (FV), force current (FI),
force current as a slave device (FI Slave), or place into high impedance (Hi-Z). Bit settings are automatically changed
to match the mode settings as follows:
•
In Hi-Z mode, all the bits in control register are unchecked.
•
In FI Slave mode, FMODE bit is checked and all other bits are unchecked.
•
In FV mode,
bit is set and all other bits are unchecked.
•
In FI mode, both
and FMODE bits are set and all other bits are unchecked.
The Measurement Mode group box provides the measured voltages at IMEAS and VMEAS pins of the MAX32010.
Table 1 shows the settings and functionality of these bits in the GUI:
Table 1. Settings and Functions of the GUI Bits
SETTING
FUNCTION
VGA Gain
This horizontal scrollbar controls the gain and polarity of the variable gain amplifiers (VGA).
Range
This horizontal scrollbar controls the full-scale current range for either FI (force current)
or MI (measure current) mode.
FMODE
This checkbox selects DPS mode (FV, FI, FI slave, and high impedance).
CLEN
This checkbox enables or disables the voltage and current clamps.
This checkbox along with FMODE selects DPS mode (FV, FI, FI slave, and high impedance).
This checkbox controls the measure output’s high-impedance state.
This checkbox controls t
he comparator output’s high-impedance state.
LCOMP1 and LCOMP0
These checkboxes enable or disable compensation capacitors.
BCOMP1 and BCOMP0
These checkboxes enable or disable bypass capacitors.
2)
MAX32010 Signals and Data Flow Control: HIZMPB and IDDQSEL are signals that can be used to control the
functionality of the MAX32010. The HIZMPB signal is shared in functionality with the HIZMSB bit and internally both
bits are ANDed. It is used either to enable the measurement output or to put the measurement output in the high-
impedance state. While in FV mode asserting digital input, IDDQSEL switches the DPS to the minimum current range
(range D) and enabling the IDDQ test mode.
Data flow control bits specify how data transfers from the shift registers to the input and DPS register of the
MAX32010. Refer to Serial Interface Data Flow Control Bits section in the MAX32010 data sheet for more details.
Table 2 shows the options available for controlling the data flow:
Table 2. Data Flow Control Settings
SETTING
DESCRIPTION
00
Input and DPS registers remain unchanged
01
DPS registers get loaded from input register
10
Input registers get loaded from shift register
11
Both DPS and input registers get loaded from shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com