Electronic Components Datasheet Search
  English  ▼

X  

ICS85214I Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS85214I
Description  LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85214I Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS85214I Datasheet HTML 2Page - Integrated Circuit Systems ICS85214I Datasheet HTML 3Page - Integrated Circuit Systems ICS85214I Datasheet HTML 4Page - Integrated Circuit Systems ICS85214I Datasheet HTML 5Page - Integrated Circuit Systems ICS85214I Datasheet HTML 6Page - Integrated Circuit Systems ICS85214I Datasheet HTML 7Page - Integrated Circuit Systems ICS85214I Datasheet HTML 8Page - Integrated Circuit Systems ICS85214I Datasheet HTML 9Page - Integrated Circuit Systems ICS85214I Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
85214AGI
www.icst.com/products/hiperclocks.html
REV. A JUNE 1, 2005
6
Integrated
Circuit
Systems, Inc.
ICS85214I
LOW SKEW, 1-TO-5
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
3.3V/1.8V OUTPUT LOAD AC TEST CIRCUIT
OUTPUT SKEW
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT RISE/FALL TIME
DIFFERENTIAL INPUT LEVEL
PART-TO-PART SKEW
V
CMR
Cross Points
V
PP
GND
CLK0
nCLK0
V
DD
PROPAGATION DELAY
Q0:Q4
CLK0
nCLK0
nQx
SCOPE
HSTL
Qx
nQx
1.8V±0.2V
V
DD
0V
3.3V±5%
V
DDO
tsk(o)
Qx
nQy
Qy
tsk(pp)
nQx
Qx
nQy
Qy
PART 1
PART 2
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
nQ0:nQ4
Q0:Q4
t
PD
nQ0:nQ4
t
PD
Q0:Q4
CLK1
nQ0:nQ4
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com