Electronic Components Datasheet Search
  English  ▼

X  

MAX31865 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31865
Description  Fully Assembled and Tested
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31865 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31865 Datasheet HTML 1Page - Maxim Integrated Products MAX31865 Datasheet HTML 2Page - Maxim Integrated Products MAX31865 Datasheet HTML 3Page - Maxim Integrated Products MAX31865 Datasheet HTML 4Page - Maxim Integrated Products MAX31865 Datasheet HTML 5Page - Maxim Integrated Products MAX31865 Datasheet HTML 6Page - Maxim Integrated Products MAX31865 Datasheet HTML 7Page - Maxim Integrated Products MAX31865 Datasheet HTML 8Page - Maxim Integrated Products MAX31865 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maxim Integrated │ 4
MAX31865 Evaluation Kit
Evaluates: MAX31865
www.maximintegrated.com
Figure 1. MAX31865 EV Kit GUI (Registers Tab)
Detailed Description of Software
Device Configuration
Upon successful completion of the setup procedure, the
user is ready to begin evaluation of the device. The device
powers up in “normally off” conversion mode. To begin
conversions, first enable the
VBIAS output by clicking
the
On radio button located in the MAX31865 Setup Info
group box in the
Registerstab(Figure1).Next,enable
conversions by changing the
Conversion Mode to Auto
by clicking the
Auto radio button. It is now time to read the
results. This is accomplished by clicking the
Read button
in the
RTD Resistance Register group box. The conver-
sion results are displayed below the button in hex and
binary format. Also note that the ADC result is displayed
in decimal format. The RTD resistance is then calculated
from the ADC result and the value entered in the
RREF
Nominal Resistance edit box located in the MAX31865
Setup Infogroupbox.Withthesupplied1kΩresistor,the
calculatedRTDresistanceshouldbe1kΩ±6%duetothe
tolerance of the provided resistors.
Note: Since there is
not an RTD connected at this time, the RTD temperature
equations are not valid registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com