Electronic Components Datasheet Search
  English  ▼

X  

MAX31827 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31827
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31827 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31827 Datasheet HTML 1Page - Maxim Integrated Products MAX31827 Datasheet HTML 2Page - Maxim Integrated Products MAX31827 Datasheet HTML 3Page - Maxim Integrated Products MAX31827 Datasheet HTML 4Page - Maxim Integrated Products MAX31827 Datasheet HTML 5Page - Maxim Integrated Products MAX31827 Datasheet HTML 6Page - Maxim Integrated Products MAX31827 Datasheet HTML 7Page - Maxim Integrated Products MAX31827 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX31827
MAX31827 Evaluation System
Detailed Description of Software
The main window of the MAX31827 EV kit software con-
tains controls to evaluate the MAX31827 IC.
Configuration Register
The
Configuration Register groupbox allows the user to
select the resolution, conversion rate, alarm polarity, and
fault queue. Use the
Resolution drop-down list to select
between 8-, 9-, 10-, and 12-bits resolution. With each
resolution, the user can set the desired sampling rate
using the options in the
Conversion drop-down list. The
alarm polarity can be adjusted between high-active and
low-active. In addition, users can set the fault queue from
1, 2, 4, or 8 consecutive faults.
High and Low Fault
Adjust the
TH (Temperature High) and TL (Temperature
Low) edit boxes to the desired temperature threshold.
When the desired setting is set, click the
Write Registers
button to apply. When the ALARM output asserts in com-
parator mode, the
Over Temp or Under Temp indica-
tor displays red until the temperature returns within the
threshold range.
When the ALARM output asserts in interrupt mode, the
Over Temp or Under Temp indicator displays red until the
read is performed on configuration register.
The ALARM also appears at the ALARM pin of the IC. To
check if the signal is high or low, use the
Check button
for the alarm status.
Address
The address is determined by the resistor/connection on
RSEL pins of the MAX31827.
Detect Address loads bits
to status register. Refer to the IC data sheet for the list of
addresses. Addresses are displayed on the
A5-A0 drop-
down list. Once the desired address is selected, click the
Set Address button to apply.
Temperature
The temperature is displayed in the graph, hexadecimal
code, and converted temperature by clicking on the
Start
Sampling Continuously or Read Once button.
Logging Data
The temperature and raw code can be saved to a file.
Click the
Export to *.CSV button before collecting data.
Detailed Description of Hardware
The MAX31827 EV system demonstrates the MAX31827,
I2C temperature sensor with address and alarm. The
USB2PMB2 module and the EV kit complete the system.
User-Supplied I2C and I/O
To evaluate the EV kit with a user-supplied I2C bus, the
connector J1 is a PMod™-compatible connector. If the
master does not have a PMod-compatible connector, then
make connection directly to the SCL and SDA test points.
Make sure the return ground is same. See Table 1 for
jumper user-supplied VCC.
The MAX31827 is powered through USB by default when
a PMod-compatible master module is connected to the
J1 connector of the EV kit. If the user-supplied VCC is
used, a PMod master module is not allowed on the J1
connector. In this case, apply a voltage between +1.6V
and +3.6V at the VCC test point and ground is connected
at the GND test point.
User-Supplied VPU
The J2 jumper allows the user to apply their own pullup
voltage. When a shunt is on the 1-2 position, apply a volt-
age between +1.6V and +3.6V at the VPU test point and
verify the return path is connected at the GND test point.
#Denotes RoHS compliance.
Pmod is a trademark of Digilent Inc.
Ordering Information
PART
TYPE
MAX31827EVSYS1#
EV system (EV kit + Master Board)
MAX31827EVKIT#
EV kit
USB2PMB2#
Master Board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com