Electronic Components Datasheet Search
  English  ▼

X  

MAX31730 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31730
Description  Three External Diode-Connected Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31730 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31730 Datasheet HTML 1Page - Maxim Integrated Products MAX31730 Datasheet HTML 2Page - Maxim Integrated Products MAX31730 Datasheet HTML 3Page - Maxim Integrated Products MAX31730 Datasheet HTML 4Page - Maxim Integrated Products MAX31730 Datasheet HTML 5Page - Maxim Integrated Products MAX31730 Datasheet HTML 6Page - Maxim Integrated Products MAX31730 Datasheet HTML 7Page - Maxim Integrated Products MAX31730 Datasheet HTML 8Page - Maxim Integrated Products MAX31730 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Configuation Tab
The
Config tab sheet (Figure 2) contains all the configura-
tion registers. All values are read when the tab is selected.
In the tables, hold the mouse over the column header to
see which register(s) the cells in the column read/write to.
The
Beta Value column is the only column where all the
cells are read-only. If the
Extended Range checkbox in
the
Configuration Register (13h) group box is checked,
all the temperature values on the
Config and Status tab
are updated to reflect the extended range format. The hex
values stored in these registers are not changed.
Registers Tab
The
Registers tab sheet (Figure 3) displays all the
registers and their current data. To read the registers,
press the
Read All button. To write to a register, enter the
hex value in the cell and click another cell or press Enter
on the keyboard.
Figure 2. MAX31730 EV Kit Software GUI (Config Tab)
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX31730
MAX31730 Evaluation Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com