Electronic Components Datasheet Search
  English  ▼

X  

MAX31328 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31328
Description  Easy Evaluation of the MAX31328
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31328 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31328 Datasheet HTML 1Page - Maxim Integrated Products MAX31328 Datasheet HTML 2Page - Maxim Integrated Products MAX31328 Datasheet HTML 3Page - Maxim Integrated Products MAX31328 Datasheet HTML 4Page - Maxim Integrated Products MAX31328 Datasheet HTML 5Page - Maxim Integrated Products MAX31328 Datasheet HTML 6Page - Maxim Integrated Products MAX31328 Datasheet HTML 7Page - Maxim Integrated Products MAX31328 Datasheet HTML 8Page - Maxim Integrated Products MAX31328 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MAX31328 Shield
Evaluates: MAX31328
www.maximintegrated.com
Maxim Integrated | 4
Detailed Description of Software
Real Time Monitoring
To monitor the time and date, on Configuration & Time page, under RTC Configuration group box, enable Oscillator
Enable toggle button, and under Real Time Monitoring group box, check Auto Update checkbox for continuous reading.
Battery current draw in Time-Keeping Mode
To measure the battery current draw under normal real-time clock conditions, without any interrupt or CLKO output:
1)
Remove the jumper from JU9.
2)
Connect the negative terminal of the pico ammeter to the pin 3 of the JU9 (marked as a white dot) and the positive
terminal to pin 1 of JU9.
3)
On the Configuration & Time tab, in the RTC Configuration group box, make sure interrupt pin INT is selected. In
the Real Time Monitoring group box, uncheck the Auto Update check box. In the Temperature Monitoring group
box, uncheck the Auto Update check box. In the Flags group box, click Disable 32kHz to disable the output 32kHz.
4)
Remove the jumper from JU4, to disconnect the IC from VCC and connect to battery supplied mode.
5)
The reading in the pico ammeter is the battery current consumed by the MAX31328 IC only. It should be around
660nA.
32kHz Output Frequency
On the Configuration & Time tab of the software, under the Flags group box, click the Enable 32kHz button. The
clock output can be monitored using an oscilloscope connected to 32kHz test point (TP8). A frequency counter can also
be used to measure the clock frequency accurately.
Alarm and Timer Configuration
Use the Alarm 1 Configuration and Alarm 2 Configuration to configure Alarm 1 and Alarm 2 (See Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com