Electronic Components Datasheet Search
  English  ▼

X  

MAX30105 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX30105
Description  Real-Time Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30105 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX30105 Datasheet HTML 1Page - Maxim Integrated Products MAX30105 Datasheet HTML 2Page - Maxim Integrated Products MAX30105 Datasheet HTML 3Page - Maxim Integrated Products MAX30105 Datasheet HTML 4Page - Maxim Integrated Products MAX30105 Datasheet HTML 5Page - Maxim Integrated Products MAX30105 Datasheet HTML 6Page - Maxim Integrated Products MAX30105 Datasheet HTML 7Page - Maxim Integrated Products MAX30105 Datasheet HTML 8Page - Maxim Integrated Products MAX30105 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX30105
MAX30105 Evaluation Kit
Detailed Description of Software
The main window of the MAX30105 EV kit software displays
the mode configuration, settings, LED currents, proximity,
timing slots of the LED mode, ADC code measurements,
of both the MAX30105 and the accelerometer and example
algorithms.
Mode Configuration
The
Mode Configuration drop-down list allows for three
options: 1 LED, 2 LEDs, and multi LEDs. When 1 LED
mode is selected, only red ADC codes are plotted. When
2 LEDs mode is selected, only the Red and IR channels
will be active when the GUI is operational. When Multi
LED mode is selected, the user can select any combination
of Red, IR, and Green channels to be active when the GUI
is operational. Within LED mode, the
Led Mode Timing
Slots groupbox selections allow the user to enable the
desired LEDs at each LED slot.
Settings
The
Settings groupbox consist of controls to the sample
rate and average, pulse width, and ADC full-scale range.
The
Sample Rate drop-down list is adjustable from 50Hz
to 400Hz.
The
Sample Average drop-down list is adjustable from
1 to 32.
The
Pulse Width dropdown list is adjustable from 50µs
to 400µs.
The
ADC Full Scale Range dropdown list is adjustable
from 2048nA to 16384nA.
LED Currents
Within the
LED Currents groupbox, the peak currents are
adjustable from
0 to 50 mA for each LED. The average
current based on the
Pulse Width and Sample Rate is
recalculated with each change in peak current.
Proximity
Under Proximity,
PILOT_PA is adjustable from 0 to 50
mA.
Accelerometer
The accelerometer provides three degrees of freedom
(3DOF). Moving the MAX30105DBEVKIT board will
trigger changes in ADC data of the X, Y, and/or Z graphs.
Algorithms
Along with Maxim’s sensor, customers will need smart
algorithms to detect the particles of interest. Maxim
is partnering with Valor Inc. to develop state-of-the-
art algorithms for smoke detection application using
MAX30105. Please contact Valor for licensing information
at
http://www.valorfiresafety.com/licensing/.
Data Logging
From the menu bar, select
File | Log and ADC data can
be logged to a .csv file with the option of collecting data
for a specific time using the
File | Timed Data Collection
selection from
5 to 60 seconds. Once the desired
configuration is set, press the
Start Monitor button to
capture data. The header for each data set includes the
settings for sample rate, LED current, pulse width, and the
mode. If the file name is not changed, subsequent data
collection will append to the existing file and will include a
new header.
Options
From the menu bar,
Options allows the user to adjust the
plot length and the x-axis, hide unused channels, show/
hide the algorithm windows, and access registers from a
bit level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com