Electronic Components Datasheet Search
  English  ▼

X  

MAX30003 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX30003
Description  MAX30003 Biopotential AFE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30003 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX30003 Datasheet HTML 1Page - Maxim Integrated Products MAX30003 Datasheet HTML 2Page - Maxim Integrated Products MAX30003 Datasheet HTML 3Page - Maxim Integrated Products MAX30003 Datasheet HTML 4Page - Maxim Integrated Products MAX30003 Datasheet HTML 5Page - Maxim Integrated Products MAX30003 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Evaluates: MAX30003
Biopotential AFE
MAX30003WING Expansion Board
General Description
The MAX30003WING is an expansion board designed
to help engineers and students alike to rapidly prototype
ECG applications for wearables using the MAX30003
biopotential analog front end. The form factor is a small
0.9in by 2.0in dual-row header footprint that is compat-
ible with breadboards and featherboards from Maxim
and Adafruit®, as well as additional expansion boards
called wings. Two grove connectors and a 6-pin Pmod™
connector are also included for additional connectivity to
popular development boards offered by Seeed Studio®
and Digilent®.
Features
● Expansion Board
• 0.9in x 2.0in DIP Form Factor
- Breadboard Compatible
- Feather Compatible
• 6-Pin PMOD Compatible Socket
- I2C
- Two Optional GPIO
• Two Grove Connectors
- I2C
- UART
• 3.5mm Jack for ECG Leads
● MAX30003 Biopotential AFE
• Clinical-Grade ECG AFE with High-Resolution
Data Converter
- 15.5 Bits Effective Resolution with 5μVP-P Noise
• Longer Battery Life Compared to Competing
Solutions
- 85μW at 1.1V Supply Voltage
• Built-In Heart Rate Detection with Interrupt Feature
- Eliminates the Need to Run HR Algorithm on the
Microcontroller
- Robust R-R Detection in High-Motion Environment
at Extremely Low Power
• 32-Word FIFO Allows You to Wake Up Microcon-
troller Every 256ms with Full ECG Acquisition
Ordering Information appears at end of data sheet.
319-100122; Rev 0; 1/18
Adafruit is a registered trademark of Adafruit Industries.
Digilent is a registered trademark and Pmod is a trademark of
Digilent Inc.
Seeed Studio is a registered trademark Seeed Technology Co., Ltd.
MAX30003WING Expansion Board Photo


Similar Part No. - MAX30003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX30003 MAXIM-MAX30003 Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated
Rev 1; 11/16
MAX30003 MAXIM-MAX30003 Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
MAX30003CTI+ MAXIM-MAX30003CTI+ Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
MAX30003CTI+T MAXIM-MAX30003CTI+T Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
MAX30003CWV+T MAXIM-MAX30003CWV+T Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
More results

Similar Description - MAX30003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
Sensor AFE System: Configurable AFE Potentiostat
LMP91000 TI1-LMP91000_14 Datasheet
628Kb / 31P
Sensor AFE System
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Core Technology (Shenzh...
CS1256 CHIPSEA-CS1256 Datasheet
1Mb / 35P
High Performance AFE ADC and BIM Advanced AFE
CS1257 CHIPSEA-CS1257 Datasheet
1Mb / 39P
High Performance AFE ADC and BIM Advanced AFE
CS1258 CHIPSEA-CS1258 Datasheet
1Mb / 40P
High Performance AFE ADC and BIM Advanced AFE
logo
Maxim Integrated Produc...
MAX30001 MAXIM-MAX30001_V01 Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
MAX30003 MAXIM-MAX30003_V01 Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
MAX30004 MAXIM-MAX30004 Datasheet
3Mb / 39P
Ultra-Low Power, Single-Channel Integrated Biopotential (R-to-R Detection) AFE
19-8732; Rev 0; 12/16
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com