Electronic Components Datasheet Search
  English  ▼

X  

MAX28200 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX28200
Description  Integrated Peripherals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX28200 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX28200 Datasheet HTML 1Page - Maxim Integrated Products MAX28200 Datasheet HTML 2Page - Maxim Integrated Products MAX28200 Datasheet HTML 3Page - Maxim Integrated Products MAX28200 Datasheet HTML 4Page - Maxim Integrated Products MAX28200 Datasheet HTML 5Page - Maxim Integrated Products MAX28200 Datasheet HTML 6Page - Maxim Integrated Products MAX28200 Datasheet HTML 7Page - Maxim Integrated Products MAX28200 Datasheet HTML 8Page - Maxim Integrated Products MAX28200 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX28200
MAX28200 Evaluation Kit
Programming the MAX28200
The Loading Hex File into the MAX28200 section presents
the most straightforward use case for the MAX28200, in
which the MAX28200 is programmed directly with firm-
ware that is already in a hex file format. The Using the
Assembler to Create Hex Files and Creating I2C Master
Firmware from the CSV File sections show the versatility
of the EV kit software and showcase its ability to take an
assembly or CSV file, and convert either file format into a
hex file that can be used to program the MAX28200.
The Using the Assembler to Create Hex Files section
reviews the first case, in which an assembly file is converted
into a hex file and then is used to program the MAX28200.
Assembly language allows for a wide range of applications
and highly efficient device operation.
The Creating I2C Master Firmware from the CSV File
section shows the steps to create and load the firmware
necessary to implement an I2C master that programs
volatile registers in I2C slaves at power-up. One example
of an I2C slave that can be programmed by the MAX28200
is the MAX77714 PMIC, which has an EV Kit GUI capable
of generating a compatible .csv file. For other cases
where the .csv file is being built manually, make sure to
use the following format: Slave, Address, Name, Hex. If
the MAX28200 is being used as a PMIC companion, see
Step 8 in the Quick Start section.
Loading Hex File into the MAX28200
1) From the
Start menu, select MAX28200 EV Kit.
2) Select the
Boot Loader tab (Figure 6).
3) Select the
File tab and click Open Intel Hex File and
navigate to the desired .hex file (Figure 7).
4) For faster performance, make sure that the bootloader
data log is off. Do this by clicking the
Options tab at
the top, hovering over
Bootloader Data Log, and se-
lecting
OFF (Figure 8).
5) Click the
Program/Verify button to program the
device (Figure 9).
6) If this operation was successful, you will see
“//Programming Successful!” at the bottom of the log
(Figure 10).
Figure 5. Windows Start Menu to Start EV Kit Program
Figure 6. DS9481 Device Detected. If a Device Is Not Detected, See Step 5 in the Software Installation Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com