Electronic Components Datasheet Search
  English  ▼

X  

MAX25600 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX25600
Description  8V to 48V Input Voltage Range
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25600 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX25600 Datasheet HTML 1Page - Maxim Integrated Products MAX25600 Datasheet HTML 2Page - Maxim Integrated Products MAX25600 Datasheet HTML 3Page - Maxim Integrated Products MAX25600 Datasheet HTML 4Page - Maxim Integrated Products MAX25600 Datasheet HTML 5Page - Maxim Integrated Products MAX25600 Datasheet HTML 6Page - Maxim Integrated Products MAX25600 Datasheet HTML 7Page - Maxim Integrated Products MAX25600 Datasheet HTML 8Page - Maxim Integrated Products MAX25600 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX25600
MAX25600 Evaluation Kit
MAX25600 EV Kit Bill of Materials
ITEM
QTY
REF DES
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
9
AGND, ICTRL, IN_IC, LED+,
LED-, PGND, PGND1,
PWMDIM, VINP1
9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD; WIRE; NATURAL;
SOLID; WEICO WIRE; SOFT DRAWN BUS TYPE-S; 20AWG
2
6
C1, C4, C20, C22,
C24, C55
885012206071;CGJ3E2X7R1E104K080AA;
C1608X7R1E104K080AA;C0603C104K3RAC;
GRM188R71E104KA01;C1608X7R1E104K
WURTH ELECTRONICS INC;TDK;
TDK;KEMET
0.1UF
CAPACITOR; SMT; 0603; CERAMIC; 0.1uF; 25V;
10%; X7R; -55degC to + 125degC; +/-15% from -55degC to
+125degC
3
9
C2, C3, C6, C7, C9,
C10, C12, C13, C15
CGA6M3X7S2A475K200AE;
CGA6M3X7S2A475K200AB
TDK;TDK
4.7UF
CAPACITOR; SMT (1210); CERAMIC CHIP; 4.7UF;
100V; TOL=10%; TG=-55 DEGC TO +125 DEGC; TC=X7S; AUTO
4
1
C5
CGA3E3X7S2A104K080AB
TDK
0.1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1UF;
100V; TOL=10%; TG=-55 DEGC TO +125 DEGC; TC=X7S
5
3
C8, C14, C21
CC0603KRX7R0BB104;GRM188R72A104KA35;
GCJ188R72A104KA01;HMK107B7104KA;
06031C104KAT2A
YAGEO;MURATA;MURATA;
TAIYO YUDEN;AVX
0.1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1UF;
100V; TOL=10%; TG=-55 DEGC TO +125 DEGC; TC=X7R
6
1
C11
EEV-FK2A680Q
PANASONIC
68UF
CAPACITOR; SMT (CASE_H13); ALUMINUM-
ELECTROLYTIC; 68UF; 100V; TOL=20%; MODEL=EEV SERIES
7
1
C17
C0603C471K1RAC; 06031C471KAT2A
KEMET;AVX
470PF
CAPACITOR; SMT; 0603; CERAMIC; 470pF; 100V;
10%; X7R; -55degC to + 125degC; +/-15% from -55degC to
+125degC
8
1
C18
C0603X5R160-105KNP;EMK107BJ105KA;
C1608X5R1C105K080AA;GRM188R61C105K;
0603YD105KAT2A;CL10A105KO8NNN
VENKEL LTD.;TAIYO YUDEN;
TDK;MURATA;AVX;SAMSUNG
ELECTRO-MECHANICS
1UF
CAPACITOR; SMT; 0603; CERAMIC; 1uF; 16V;
10%; X5R; -55degC to + 85degC; 0 +/-15% degC MAX.USE 20-0001u-
63 FOR NEW DESIGN
9
1
C19
C1608C0G1E103J080AA
TDK
0.01UF
CAPACITOR; SMT (0603); CERAMIC CHIP;
0.01UF; 25V; TOL=5%; MODEL=; TG=-55 DEGC TO +125 DEGC;
TC=C0G
10
1
C23
C1608X5R1E225K;TMK107ABJ225KA;
TMK107BJ225KA;GRM188R61E225KA12
TDK;TAIYO YUDEN;
TAIYO YUDEN;MURATA
2.2UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 2.2UF;
25V; TOL=10%; MODEL=; TG=-55 DEGC TO +85 DEGC; TC=X5R
11
1
C25
C0603H102J1GAC
KEMET
1000PF
CAPACITOR; SMT (0603); CERAMIC CHIP; 1000PF;
100V; TOL=5%; MODEL=HT SERIES; TG=-55 DEGC TO +200 DEGC;
TC=C0G
12
1
C51
CGA3E2X8R1E104K080AE
TDK
0.1UF
CAP; SMT (0603); 0.1UF; 10%; 25V; X8R;
CERAMIC CHIP
13
4
D1, D2, D5, D6
1N4148W-7-F
DIODES INCORPORATED
1N4148W-7-F
DIODE; SWT; SMT (SOD-123); PIV=100V; IF=0.3A;
-65 DEGC TO +150 DEGC
14
2
D7, D8
BAT46WJ
NXP
BAT46WJ,115
DIODE; SCH; SMT (SOD-323F); PIV=100V; IF=0.25A
15
1
FB1
HF70ACB322513
TDK
52
INDUCTOR; SMT (1210); FERRITE-BEAD; 52;
TOL=+/-25%; 0.4A; -40 DEGC TO +125 DEGC
16
3
FLTB, IOUTV, VCC
5007
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.35IN; BOARD
HOLE=0.063IN; WHITE; PHOSPHOR BRONZE WIRE SILVER PLATE
FINISH;
17
2
J1, J2
PCC02SAAN
SULLINS
PCC02SAAN
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT THROUGH; 2PINS; -65 DEGC TO +125
DEGC
18
2
J3, J4
PCC03SAAN
SULLINS
PCC03SAAN
CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT THROUGH; 3PINS; -65 DEGC TO +125
DEGC
19
1
L1
MSS1278-103ML
COILCRAFT
10UH
INDUCTOR; SMT; FERRITE CORE; 10UH; TOL=+/-20%; 5.7A
20
1
L2
MSS1278T-472ML
COILCRAFT
4.7UH
INDUCTOR; SMT; FERRITE BOBBIN CORE;
4.7UH; TOL=+/-0.2; 6.2A; -40 DEGC TO +125 DEGC
21
2
Q1, Q3
SQJA84EP-T1_GE3
VISHAY SILICONIX
SQJA84EP-T1_GE3 TRAN; AUTOMOTIVE N-CHANNEL MOSFET ;
NCH; SO-8L; PD-(55W); I-(46A); V-(80V)
22
1
Q2
BUK9Y72-80E
NEXPERIA
BUK9Y72-80E
TRAN; N-CH LOGIC LEVEL MOSFET ; NCH;
LFPAK; PD-(45W); I-(15A); V-(80V)
23
1
Q4
BUK9Y25-80E
NEXPERIA
BUK9Y25-80E
TRAN; N-CH LOGIC LEVEL MOSFET ; NCH;
LFPAK; PD-(95W); I-(37A); V-(80V)
24
1
Q5
SI7415DN-T1-GE3
VISHAY SILICONIX
SI7415DN-T1-GE3
TRAN; P-CHANNEL 60-V (D-S) MOSFET; PCH;
POWERPAK1212-8; PD-(3.8W); I-(-5.7A); V-(-60V)
25
10
R1, R3, R4, R6-R8,
R13, R25, R27, R28
CRCW06030000Z0
VISHAY DALE
0
RESISTOR; 0603; 0 OHM; 0%; JUMPER; 0.1W; THICK FILM
26
2
R2, R12
CRCW06035R62FK
VISHAY DALE
5.62
RESISTOR; 0603; 5.62 OHM; 1%; 100PPM; 0.10W; THICK FILM
27
5
R5, R11, R17, R19, R20
301-10K-RC
XICON
10K
RESISTOR, 0603, 10K OHM, 5%, 200PPM, 1/16W, THICK FILM
28
1
R9
CSR1206FTR130
STACKPOLE ELECTRONICS INC
0.13
RESISTOR; 1206; 0.13 OHM; 1%; 100PPM; 0.5W; THICK FILM
29
1
R10
ERJ-3EKF5113
PANASONIC
511K
RESISTOR; 0603; 511K OHM; 1%; 100PPM; 0.1W; THICK FILM
30
1
R16
CRCW060354K9FK
VISHAY DALE
54.9K
RES; SMT (0603); 54.9K; 1%; +/-100PPM/DEGC; 0.1W
31
1
R18
288-0603-49.9K-RC
XICON
49.9K
RESISTOR, 0603, 49.9K OHM, 0.1%, 10PPM, 1/16W, THIN FILM
32
1
R21
3296W-1-103LF
BOURNS
10K
RESISTOR; THROUGH-HOLE-RADIAL LEAD;
3296 SERIES; 10K OHM; 10%; 100PPM; 0.5W; SQUARE TRIMMING
POTENTIOMETER; 25 TURNS; MOLDER CERAMIC OVER METAL
FILM
33
1
R22
CRCW0603560RFK
VISHAY DALE
560
RESISTOR, 0603, 560 OHM, 1%, 100PPM, 0.10W, THICK FILM
34
1
R23
RG1608P-101-B;ERA-3YEB101V
SUSUMU CO LTD.;PANASONIC
100
RESISTOR; 0603; 100 OHM; 0.1%; 25PPM; 0.1W; THICK FILM
35
1
R24
RCS060312R0FK
VISHAY DALE
12
RESISTOR; 0603; 12 OHM; 1%; 100PPM; 0.25W; THICK FILM
36
1
R26
CRCW060349R9FK
VISHAY DALE
49.9
RESISTOR; 0603; 49.9 OHM; 1%; 100PPM; 0.10W; THICK FILM
37
1
R55
CRCW08051R00FK
VISHAY DALE
1
RESISTOR; 0805; 1 OHM; 1%; 100PPM; 0.125W; THICK FILM
38
2
RN1, RN2
ERJ-8BWFR024
PANASONIC
0.024
RES; SMT (1206); 0.024; 1%; +/-150PPM/DEGC; 1W
39
2
RS1, RS2
TLM2BER012F
TE CONNECTIVITY
0.012
RES; SMT (1206); 0.012; 1%; +/-100PPM/DEGC;
0.5W;NOTE:PURCHASE DIRECT FROM THE MANUFACTURER
40
1
TP1
7007
KEYSTONE
7007
CONNECTOR; PANELMOUNT; BINDING POST;
STRAIGHT THROUGH; 1PIN; BLACK
41
1
TP10
7006
KEYSTONE
7006
CONNECTOR; PANELMOUNT; BINDING POST;
STRAIGHT THROUGH; 1PIN; RED
42
1
U1
MAX25600
MAXIM
MAX25600
EVKIT PART-IC; MAX25600; QFN28-EP; PACKAGE OUTLINE
DRAWING: 21-100130; PACKAGE CODE: T2855+5C
43
1
PCB
MAX25600
MAXIM
PCB
PCB:MAX25600
TOTAL
91



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com