Electronic Components Datasheet Search
  English  ▼

X  

MAX25530 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX25530
Description  2.8V to 5.5V Input Range for TFT Power Section
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25530 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX25530 Datasheet HTML 1Page - Maxim Integrated Products MAX25530 Datasheet HTML 2Page - Maxim Integrated Products MAX25530 Datasheet HTML 3Page - Maxim Integrated Products MAX25530 Datasheet HTML 4Page - Maxim Integrated Products MAX25530 Datasheet HTML 5Page - Maxim Integrated Products MAX25530 Datasheet HTML 6Page - Maxim Integrated Products MAX25530 Datasheet HTML 7Page - Maxim Integrated Products MAX25530 Datasheet HTML 8Page - Maxim Integrated Products MAX25530 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX25530
MAX25530 Evaluation Kit
Detailed Description of Hardware
(or Software)
The EV kit consists of two sections with separate power
supply inputs.
The TFT Power Section operates from a DC supply volt-
age of 2.8V up to 5.5V.
The HB LED Driver Section operates from a DC supply
voltage of 4.5V up to the HB LED forward-string voltage
and can handle load-dump conditions up to 52V.
TFT Power Section
The EV kit TFT power section feature two source-driver
power supplies (VPOS and VNEG accessible through
the POS and NEG PCB pads on the EV kit) and the
two gate-driver power supplies (DGVDD and DGVEE
accessible through the DGVDD and DGVEE PCB pads
on the EV kit).
The source-driver power supplies consist of a syn-
chronous boost converter and an inverting buck-boost
converter that switch at 2.2MHz (or 430kHz) and can
generate voltages up to +18V and down to -7V. The
positive source driver can deliver up to 120mA, while the
negative source driver is capable of 100mA.
The gate-driver power supplies consist of regulated
charge pumps that generate up to +28V and down to
-21.5V and can deliver up to 10mA each.
Select the value of the boost inductor using Table 1:
Figure 1. MAX25530 Evaluation Kit Software (GUI)
Table 1. Boost Converter Inductor
Selection
*Default value.
fSW
VPOS < 10V
VPOS > 10V
430kHz
4.7μH
10μH
2.2MHz
1μH*
2.2μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com