Electronic Components Datasheet Search
  English  ▼

X  

MAX25512 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX25512
Description  Demonstrates Robustness of MAX25512
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25512 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX25512 Datasheet HTML 1Page - Maxim Integrated Products MAX25512 Datasheet HTML 2Page - Maxim Integrated Products MAX25512 Datasheet HTML 3Page - Maxim Integrated Products MAX25512 Datasheet HTML 4Page - Maxim Integrated Products MAX25512 Datasheet HTML 5Page - Maxim Integrated Products MAX25512 Datasheet HTML 6Page - Maxim Integrated Products MAX25512 Datasheet HTML 7Page - Maxim Integrated Products MAX25512 Datasheet HTML 8Page - Maxim Integrated Products MAX25512 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX25512
MAX25512 Evaluation Kit
SDA and SCL Voltages (J26, J28–J31)
SDA and SCL voltage supplies can be selected between
the VCC_EXT voltage and the fixed 3.3V provided by the
MINIQUSB+. Alternatively, the user can force an external
voltage as digital reference (see Table 1).
Power LED Enable (J1)
A green LED (DS1) is used to indicate that the EV kit
is powered on. The LED can be disconnected from
the power supply, allowing precise current-consumption
evaluation. See Table 2 for shunt positions.
Enable (EN)
The EV kit features an enable input that can be used to
enable/disable the device and place it in shutdown mode.
To enable the EV kit whenever power is applied to IN,
place the jumper across pins 1-2 on jumper J2. To enable
the EV kit using an external enable signal, place the jump-
er across pins 2-3 on J2 and apply a logic signal on the
EN PCB input pad on the EV kit. A 1MΩ pulldown resistor
on the EV kit pulls the EN input to ground in the event that
J2 is left open or the EN signal is high impedance. Refer
to the Enable section in the MAX25512 IC data sheet for
additional information. See Table 3 for J2 jumper settings.
Logic Supply (VCC_EXT)
VCC_EXT voltage must be provided to ensure proper
operation of device’s DIM and FLTB pins (SDA and SCL
pins can also be optionally pulled up to the same voltage).
If enabled through J23 and J27 jumpers, an on-board
linear regulator generates a fixed 5V to pullup the above-
mentioned pins. Alternatively, an external logic supply can
be used. See Table 4 for J23 and J27 jumper settings.
Table 1. SDA and SCL Supply (J26, J28–J31)
Table 2. DS1 Enable (J1)
Table 3. Enable (J2)
Table 4. VCC_EXT Generation (J23 and J27)
*Default position.
*Default position.
*Default position.
*Default position.
SHUNT POSITION
SDA AND SCL SUPPLY
J26
J28
J29
J30
J31
Open*
1-2*
1-2*
Open*
Open*
3.3V (with MINIQUSB+ connected)
Open
1-2
1-2
Closed
Closed
VCC_EXT
1-External SDA
2-External SCL
3-External GND
1-2
1-2
Open
Open
Externally provided
SHUNT POSITION
DS1 POWER LED
Closed*
Connected
Open
Disconnected
SHUNT POSITION
EN PIN
EV KIT OPERATION
1-2*
Connected to IN
Enabled when IN is powered
2-3
Connected to EN PCB pad
Enabled/disabled by signal on EN PCB pad
SHUNT POSITION
VCC_EXT SUPPLY
J23
J27
1-2*
2-3*
5V (provided by on-board regulator)
2-3
1-2
Externally provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com